Electronic Components Datasheet Search
  English  ▼

X  

FASTENERCAP Datasheet(PDF) 42 Page - Delta Electronics, Inc.

Part # FASTENERCAP
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERCAP Datasheet(HTML) 42 Page - Delta Electronics, Inc.

Back Button FASTENERCAP Datasheet HTML 38Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 39Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 40Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 41Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 42Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 43Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 44Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 45Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 46Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image

    
   
  !" # " " $  
% &%
 '($ )& 
* $ &  &%  "+ " $# +& " ,$  

-" %$ &"
.  //01 2 /3 4 0 50
6721 8 8 18  118  7./  . 9/1  
':  /621162 // ;
1/
++  7 
)" < : )
" /

9 
)" <

 +2 /
9 1= 8 
<  
1  1 8 
<   :   
>6
8 
+ /9 8
3 4 
>6
8 7; 9/1
/ 

?  3 4
/ 

?  3 4
 .8 
6/ 
9/6 1  
@ 8  .
 2 8
 6721 8 2 / 3 4$ .
6/
 8$
 96 ;$ 82162$ & ?=/ 9. 2162 9 2 /; 01 . . /121 
7;
&+
1 9 1= 55%  ? ""A 9 1 5<5%
+18  8  7./ 
++: +  8
%9. , 6
= 8 +1 ;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com