Electronic Components Datasheet Search
  English  ▼

X  

TLE6209R Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 20Page - Infineon Technologies AG TLE6209R Datasheet HTML 21Page - Infineon Technologies AG TLE6209R Datasheet HTML 22Page - Infineon Technologies AG TLE6209R Datasheet HTML 23Page - Infineon Technologies AG TLE6209R Datasheet HTML 24Page - Infineon Technologies AG TLE6209R Datasheet HTML 25Page - Infineon Technologies AG TLE6209R Datasheet HTML 26Page - Infineon Technologies AG TLE6209R Datasheet HTML 27Page - Infineon Technologies AG TLE6209R Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
28
2001-10-15
6
Package Outlines
P-DSO-20-12
(Plastic Dual Small Outline Package)
-0.3
1.2
2.8
1) Does not include plastic or metal protrusion of 0.15 max. per side
20x
0.25 M
1)
Heatsink
0.95
14.2
Index Marking
15.9
10
1
0.1
+0.13
0.4
1.27
6.3
11
20
11
±0.15
±0.15
1 x 45˚
±0.3
±0.15
15.74 ±0.1
A
A
1)
B
0.25 M B
GPS05791
Sorts of Packing
Package outlines for tubes, trays etc. are contained in
our Data Book “Package Information”.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com