Electronic Components Datasheet Search
  English  ▼

X  

TLE6209R Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 3Page - Infineon Technologies AG TLE6209R Datasheet HTML 4Page - Infineon Technologies AG TLE6209R Datasheet HTML 5Page - Infineon Technologies AG TLE6209R Datasheet HTML 6Page - Infineon Technologies AG TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG TLE6209R Datasheet HTML 10Page - Infineon Technologies AG TLE6209R Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
7
2001-10-15
2.2
Supply
2.2.1
Logic Supply Voltage, Power-On-Reset
The logic is supplied with 5 V by the
V
CC pin, separated from the power stage supply VS.
The advantage of this system is that information stored in the logic remains intact even
in the event of failures in the supply voltage
V
S. The power supply failure information can
be read out via the SPI. If
V
CC falls below typically 4.5 V, the logic is shut down, all
internally stored data is deleted and the Output Stages are switched to tristate. The IC is
restarted on rising
V
CC with a hysteresis of typically 80 mV
After this restart at increasing
V
CC, or if the device is activated after having been set into
inhibit mode (INH L to H), the IC is initialized by Power-On-Reset (POR). After POR, all
SPI control bits are set to L. This setting remains valid until first SPI communication. Also
the error bits are reset by POR.
2.2.2
Power Supply Voltage
The power stages are connected to the supply voltage
V
S. This voltage is monitored by
over voltage (OV) and under voltage (UV) comparators as described in Section 2.5.6.
The power supply voltage needs a blocking capacitor to GND.
2.3
Direct Inputs
2.3.1
Inhibit (sleep mode)
The INH input can be used to cut off the complete IC. By pulling the INH input to low, the
power stages are switched to tristate, and the current consumption is reduced to just a
few
µA at both the V
S and the VCC input. It also leads to the loss of any data stored. The
TLE 6209 R is reinitialized with POR if INH is put to high again. The pin has an internal
pull-down.
2.3.2
Disable
The DIS input can be used to disable the output stages. By pulling the DIS input to high
the power stages are switched to tristate, regardless of the signals at the DIR and PWM
inputs. The DIS input can be used as an emergency disable without resetting the SPI
data stored in the IC. It has an internal pull-up.
1
0
Temperature Warning
1
1
Overtemperature Shutdown
Table 5
Temperature Monitoring
Bit 2
Bit 1
Chip Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com