Electronic Components Datasheet Search
  English  ▼

X  

TLE6209R Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 10Page - Infineon Technologies AG TLE6209R Datasheet HTML 11Page - Infineon Technologies AG TLE6209R Datasheet HTML 12Page - Infineon Technologies AG TLE6209R Datasheet HTML 13Page - Infineon Technologies AG TLE6209R Datasheet HTML 14Page - Infineon Technologies AG TLE6209R Datasheet HTML 15Page - Infineon Technologies AG TLE6209R Datasheet HTML 16Page - Infineon Technologies AG TLE6209R Datasheet HTML 17Page - Infineon Technologies AG TLE6209R Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
14
2001-10-15
3.3
Electrical Characteristics
8 V <
V
S < 40 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
– 40
°C < T
j < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.
Current Consumption
Quiescent current
I
S
––
50
µA
INH = Low;
V
S = 13.2 V
Quiescent current
I
S
–
10
30
µA
INH = Low;
V
S = 13.2 V;
T
j = 25 °C
Logic-Supply current
I
CC
––
20
µA
INH = Low
Logic-Supply current
I
CC
–
2.0
4.0
mA
–
Supply current
I
S
–
2.8
5.0
mA
–
Over- and Under-Voltage Lockout
UV-Switch-ON voltage
V
UV ON
–
5.4
5.7
V
V
S increasing
UV-Switch-OFF voltage
V
UV OFF
4.4
4.9
5.2
V
V
S decreasing
UV-ON/OFF-Hysteresis
V
UV HY
0.2
0.5
–
V
V
UV ON – VUV OFF
OV-Switch-OFF voltage
V
OV OFF
34
37
40
V
V
S increasing
OV-Switch-ON voltage
V
OV ON
28
32
36
V
V
S decreasing
OV-ON/OFF-Hysteresis
V
OV HY
–
5.0
–
V
V
OV OFF – VOV ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com