Electronic Components Datasheet Search
  English  ▼

X  

TLE6209R Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 20Page - Infineon Technologies AG TLE6209R Datasheet HTML 21Page - Infineon Technologies AG TLE6209R Datasheet HTML 22Page - Infineon Technologies AG TLE6209R Datasheet HTML 23Page - Infineon Technologies AG TLE6209R Datasheet HTML 24Page - Infineon Technologies AG TLE6209R Datasheet HTML 25Page - Infineon Technologies AG TLE6209R Datasheet HTML 26Page - Infineon Technologies AG TLE6209R Datasheet HTML 27Page - Infineon Technologies AG TLE6209R Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
24
2001-10-15
Figure 6
Output Delay and Switching Time Definitions
Figure 7
Standard Data Transfer Timing
90%
10%
t
d1
t
RIS E
t
FALL
50%
50%
t
d2
V
OUT
PW M
Input
0
5
V
10%
90%
100%
D IR = L / H => V
OUT = V OUT 1/2
R esistive load to V s =>
t
RIS E = t R ISE L, t FA LL = t FA LL L
t
d1 = t d O F F L, t d2 = t d O N L
Resistive load to G N D =>
t
RISE = t R ISE H, t FALL = t F ALL H
t
d1 = t d O N H, t d2 = t d O F F H
3
0
7
3
24
1
SDI
SCLK
CSN
0
7
6
5
4
3
2
1
SDO
CSN High to Low & rising edge of SCLK: SDO is enabled. Status informa ion is transfered to Output Shift Register
CSN Low to High: Data from Shift-Register is transfered to Output Driver Logic
previous Status
actual Data
SDI: Data will be accepted on the falling edge of CLK-Signal
SDO: State will change on the rising edge of CLK-Signal
__
_
_
_
_
_
_
time
0
0
0
+
new Data
actual Status
actual Data
old Data
1
2
0
7
6
5
4
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com