Electronic Components Datasheet Search
  English  ▼

X  

TLE6209R Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG TLE6209R Datasheet HTML 10Page - Infineon Technologies AG TLE6209R Datasheet HTML 11Page - Infineon Technologies AG TLE6209R Datasheet HTML 12Page - Infineon Technologies AG TLE6209R Datasheet HTML 13Page - Infineon Technologies AG TLE6209R Datasheet HTML 14Page - Infineon Technologies AG TLE6209R Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
11
2001-10-15
thresholds. As soon as a threshold is reached, the according status bits are set in the
SPI diagnosis word (c.f. Table 5). If the overtemperature shutdown threshold is reached,
the output stages are turned off. The temperature monitoring messages and the over
temperature shutdown are latched and can be reset by the status register reset bit 7 of
the SPI control word or a POR.
2.5.6
Power Supply Fail
The power supply Voltage is monitored for over- and under voltage lockout:
• Under Voltage Lockout
If the supply voltage
V
S drops below the switch off voltage VUV OFF, all output
transistors are switched off and the power supply fail bit (bit 7 of the SPI diagnosis
word) is set. If
V
S rises again and reaches the switch on voltage VUV ON, the power
stages are restarted. The error bit, however, is latched and has to be reset by the
status register reset bit 7 of the SPI control word.
• Over Voltage Lockout
If the supply voltage
V
S rises above the switch off voltage VOV OFF, all output transistors
are switched off and the power supply fail bit (bit 7 of the SPI diagnosis word) is set.
If
V
S falls again and reaches the switch on voltage VOV ON, the power stages are
restarted. The error bit, however, is latched and has to be reset by the status register
reset bit 7 of the SPI control word.
The OVLO is only active if control bit 6 is H. If the bit is low, the OVLO is deactivated.
2.5.7
Error Flag
Bit 0 of the SPI diagnosis word is an OR of the status bits 1 to 7. It can be read out without
full SPI communication as described in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com