Electronic Components Datasheet Search
  English  ▼

X  

TLE6209R Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 12Page - Infineon Technologies AG TLE6209R Datasheet HTML 13Page - Infineon Technologies AG TLE6209R Datasheet HTML 14Page - Infineon Technologies AG TLE6209R Datasheet HTML 15Page - Infineon Technologies AG TLE6209R Datasheet HTML 16Page - Infineon Technologies AG TLE6209R Datasheet HTML 17Page - Infineon Technologies AG TLE6209R Datasheet HTML 18Page - Infineon Technologies AG TLE6209R Datasheet HTML 19Page - Infineon Technologies AG TLE6209R Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
16
2001-10-15
Open Circuit/Underload Detection
Detection current
I
OCD
30
–
130
mA
–
Delay time
t
dOC
2
–
8ms
–
Current Limits
Current limit
I
L_00
3.4
4
4.6
A
Bit 0 = L;
Bit 1 = L;
Current limit
I
L_01
4.25
5
5.75
A
Bit 0 = H;
Bit 1 = L;
Current limit
I
L_10
5.1
6
6.9
A
Bit 0 = L;
Bit 1 = H;
Current limit
I
L_11
5.95
7
8.05
A
Bit 0 = H;
Bit 1 = H;
Low-Side Switch Overcurrent
Shutdown Threshold
∆I
SDL
0.5
1.0
1.5
A
∆I
SDL = ISDL - IL
Note: low-side shutdown threshold is guaranteed by design
Switch-OFF Time during Current Limitation (Chopper OFF-Time)
OFF-time
t
OFF_00
16
24
28
µsBit 3 = L;
Bit 4 = L;
OFF-time
t
OFF_01
32
43
51
µsBit 3 = H;
Bit 4 = L;
OFF-time
t
OFF_10
48
62
74
µsBit 3 = L;
Bit 4 = H;
OFF-time
t
OFF_11
64
80
96
µsBit 3 = H;
Bit 4 = H;
3.3
Electrical Characteristics (cont’d)
8 V <
V
S < 40 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
– 40
°C < T
j < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com