Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BC856
Description  Small Signal Transistors (PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BC856 Datasheet(HTML) 6 Page - Vishay Siliconix

  BC856 Datasheet HTML 1Page - Vishay Siliconix BC856 Datasheet HTML 2Page - Vishay Siliconix BC856 Datasheet HTML 3Page - Vishay Siliconix BC856 Datasheet HTML 4Page - Vishay Siliconix BC856 Datasheet HTML 5Page - Vishay Siliconix BC856 Datasheet HTML 6Page - Vishay Siliconix BC856 Datasheet HTML 7Page - Vishay Siliconix BC856 Datasheet HTML 8Page - Vishay Siliconix BC856 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 85135
Rev. 1.2, 08-Sep-04
VISHAY
BC856 to BC859
Vishay Semiconductors
Figure 3. DC Current Gain vs. Collector Current
Figure 4. Collector-Base Cutoff Curent vs. Ambient Temperature
Figure 5. Collector Current vs. Base-Emitter Voltage
10
3
2
10
10
1
1
2
10
10
10
10
-1
-2
hFE
-IC
19183
-V
= 5 V
CE
100 °C
-50°C
T= 25 °C
amb
2
-1
10
10
10
1
10
3
10
4
nA
0
100
200 °C
test voltage - V
:
equal to the given
maximum value - V
CBO
CEO
typical
maximum
19184
-ICBO
Tj
10
2
10
10
-1
1
0
0.5
1V
-IC
-VBE
mA
-V
= 5 V
CE
T= 25 °C
amb
19197
Figure 6. Collector Saturation Voltage vs. Collector Current
Figure 7. Collector Base Capacitance, Emitter base Capacitance
vs. Bias Voltage
Figure 8. Relative h-Parameters vs. Collector Current
25 °C
-50 °C
T
= 100 °C
amb
-I /-I = 20
C B
-VCEsat
-IC
0.5
0.4
0.3
0.2
0.1
0
V
1
2
10
10
10-1
mA
19187
pF
20
10
0
0.1
1
10 V
T= 25 °C
amb
CEBO
CCBO
CEBO
CCBO
-VEBO
-VCBO,
19186
10
1
10
1
-IC
10 mA
102
-1
10-1
hie
hoe
hre
hfe
-V
=5V
CE
T= 25 °C
amb
19188



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com