Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BC856
Description  Small Signal Transistors (PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BC856 Datasheet(HTML) 2 Page - Vishay Siliconix

  BC856 Datasheet HTML 1Page - Vishay Siliconix BC856 Datasheet HTML 2Page - Vishay Siliconix BC856 Datasheet HTML 3Page - Vishay Siliconix BC856 Datasheet HTML 4Page - Vishay Siliconix BC856 Datasheet HTML 5Page - Vishay Siliconix BC856 Datasheet HTML 6Page - Vishay Siliconix BC856 Datasheet HTML 7Page - Vishay Siliconix BC856 Datasheet HTML 8Page - Vishay Siliconix BC856 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 85135
Rev. 1.2, 08-Sep-04
VISHAY
BC856 to BC859
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Device on fiberglass substrate, see layout on third page.
Maximum Thermal Resistance
1) Device on fiberglass substrate, see layout on third page.
Electrical DC Characteristics
Parameter
Test condition
Part
Symbol
Value
Unit
Collector - base voltage
BC856
- VCBO
80
V
BC857
- VCBO
50
V
BC858
- VCBO
30
V
BC859
- VCBO
30
V
Collector - emitter voltage
(base shorted)
BC856
- VCES
80
V
BC857
- VCES
50
V
BC858
- VCES
30
V
BC859
- VCES
30
V
Collector - emitter voltage
(base open)
BC856
- VCEO
65
V
BC857
- VCEO
45
V
BC858
- VCEO
30
V
BC859
- VCEO
30
V
Emitter - base voltage
- VEBO
5V
Collector current
- IC
100
mA
Peak colector current
- ICM
200
mA
Peak base current
- IBM
200
mA
Peak emitter current
IEM
200
mA
Power dissipation
Tamb = 25 °C
Ptot
3101)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
RθJA
3201)
°C/W
Thermal resistance junction to
substrate backside
RθSB
4501)
°C/W
Junction temperature
Tj
150
°C
Storage temperature range
TS
- 65 to + 150
°C
Parameter
Test condition
Part
Symbol
Min
Typ
Max
Unit
Small signal current gain
(current gain group A)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hfe
220
Small signal current gain
(current gain group B)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hfe
330
Small signal current gain
(current gain group C)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hfe
600
Input impedance (current gain
group A)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hie
1.6
2.7
4.5
k
Ω
Input impedance (current gain
group B)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hie
3.2
4.5
8.5
k
Ω
Input impedance (current gain
group C)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hie
68.7
15
k
Ω
Output admittance (current gain
group A)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hoe
18
30
µS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com