Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BC856
Description  Small Signal Transistors (PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BC856 Datasheet(HTML) 7 Page - Vishay Siliconix

  BC856 Datasheet HTML 1Page - Vishay Siliconix BC856 Datasheet HTML 2Page - Vishay Siliconix BC856 Datasheet HTML 3Page - Vishay Siliconix BC856 Datasheet HTML 4Page - Vishay Siliconix BC856 Datasheet HTML 5Page - Vishay Siliconix BC856 Datasheet HTML 6Page - Vishay Siliconix BC856 Datasheet HTML 7Page - Vishay Siliconix BC856 Datasheet HTML 8Page - Vishay Siliconix BC856 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VISHAY
BC856 to BC859
Document Number 85135
Rev. 1.2, 08-Sep-04
Vishay Semiconductors
www.vishay.com
7
Figure 9. Gain-Bandwidth Product vs. Collector Current
Figure 10. Noise Figure vs. Collector Current
Figure 11. Noise Figure vs. Collector Current
T= 25 °C
amb
103
102
10
MHz
0.1
1
10
100 mA
fr
-IC
-V
=10V
CE
5V
2V
19198
dB
20
18
16
14
12
10
8
6
4
2
0
10
10
10
1
10 mA
-1
-2
-3
F
-IC
R =1MΩ
G
100 kΩ
10 kΩ
1kΩ
-V
=5V
CE
f = 120 Hz
T= 25 °C
amb
500 Ω
19199
dB
20
18
16
14
12
10
8
6
4
2
0
10
10
10
1
10 mA
-1
-2
-3
F
-IC
R =1MΩ
G
100 kΩ
10 kΩ
1kΩ
-V
=5V
CE
f = 120 Hz
T= 25 °C
amb
500 Ω
19200
Figure 12. Noise Figure vs. Collector Emitter Voltage
0.1
1
10
100 mA
-VCE
F
dB
20
18
16
14
12
10
8
6
4
2
0
R
=2k
Ω
G
-I
= 0.2 mA
C
f=1kHz
T= 25 °C
amb
19201



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com