Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BC856
Description  Small Signal Transistors (PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BC856 Datasheet(HTML) 4 Page - Vishay Siliconix

  BC856 Datasheet HTML 1Page - Vishay Siliconix BC856 Datasheet HTML 2Page - Vishay Siliconix BC856 Datasheet HTML 3Page - Vishay Siliconix BC856 Datasheet HTML 4Page - Vishay Siliconix BC856 Datasheet HTML 5Page - Vishay Siliconix BC856 Datasheet HTML 6Page - Vishay Siliconix BC856 Datasheet HTML 7Page - Vishay Siliconix BC856 Datasheet HTML 8Page - Vishay Siliconix BC856 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 85135
Rev. 1.2, 08-Sep-04
VISHAY
BC856 to BC859
Vishay Semiconductors
Electrical AC Characteristics
Parameter
Test condition
Part
Symbol
Min
Typ
Max
Unit
Gain bandwidth product
- VCE = 5 V, - IC = 10 mA,
f = 100 MHz
fT
150
MHz
Collector - base capacitance
- VCB = 10 V, f = 1 MHz
CCBO
6pF
Noise figure
- VCE = 5 V, - IC = 200 µA,
RG = 2 kΩ, f = 1 kHz,
∆f = 200 Hz
BC856
F
2
10
dB
BC857
F
2
10
dB
BC858
F
2
10
dB
BC859
F
1
4
dB
- VCE = 5 V, - IC = 200 µA,
RG = 2 kΩ,
f = (30 to 15000) Hz
BC859
F
1.2
4
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com