Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BC856
Description  Small Signal Transistors (PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BC856 Datasheet(HTML) 3 Page - Vishay Siliconix

  BC856 Datasheet HTML 1Page - Vishay Siliconix BC856 Datasheet HTML 2Page - Vishay Siliconix BC856 Datasheet HTML 3Page - Vishay Siliconix BC856 Datasheet HTML 4Page - Vishay Siliconix BC856 Datasheet HTML 5Page - Vishay Siliconix BC856 Datasheet HTML 6Page - Vishay Siliconix BC856 Datasheet HTML 7Page - Vishay Siliconix BC856 Datasheet HTML 8Page - Vishay Siliconix BC856 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VISHAY
BC856 to BC859
Document Number 85135
Rev. 1.2, 08-Sep-04
Vishay Semiconductors
www.vishay.com
3
Output admittance (current gain
group B)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hoe
30
60
µS
Output admittance (current gain
group C)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hoe
60
110
µS
Reverse voltage transfer ratio
(current gain group A)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hre
1.5 x 10-4
Reverse voltage transfer ratio
(current gain group B)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hre
2 x 10-4
Reverse voltage transfer ratio
(current gain group C)
- VCE = 5 V, - IC = 2 mA, f = 1 kHz
hre
3 x 10-4
DC current gain (current gain
group A)
- VCE = 5 V, - IC = 10 µAhFE
90
DC current gain (current gain
group B)
- VCE = 5 V, - IC = 10 µAhFE
150
DC current gain (current gain
group C)
- VCE = 5 V, - IC = 10 µAhFE
270
DC current gain (current gain
group A)
- VCE = 5 V, - IC = 2 mA
hFE
110
180
220
DC current gain (current gain
group B)
- VCE = 5 V, - IC = 2 mA
hFE
200
290
450
DC current gain (current gain
group C)
- VCE = 5 V, - IC = 2 mA
hFE
420
520
800
Collector saturation voltage
- IC = 10 mA, - IB = 0.5 mA
VCEsat
90
300
mV
- IC = 100 mA, - IB = 5 mA
VCEsat
250
650
mV
Base saturation voltage
- IC = 10 mA, - IB = 0.5 mA
VBEsat
700
mV
- IC = 100 mA, - IB = 5 mA
VBEsat
900
mV
Base - emiter voltage
- VCE = 5 V, - IC = 2 mA
VBE
600
660
750
mV
- VCE = 5 V, - IC = 10 mA
VBE
820
mV
Collector-emitter cut-off current
- VCE = 80 V
BC856
ICES
0.2
15
nA
- VCE = 50 V
BC857
ICES
0.2
15
nA
- VCE = 30 V
BC858
ICES
0.2
15
nA
BC859
ICES
0.2
15
nA
- VCE = 80 V, Tj = 125 °C
BC857
ICES
4
µA
- VCE = 50 V, Tj = 125 °C
BC857
ICES
4
µA
- VCE = 30 V, Tj = 125 °C
BC858
ICES
4
µA
BC859
ICES
4
µA
Collector-base cut-off current
- VCB = 30 V
ICBO
15
µA
- VCB = 30 V, Tj = 150 °C
ICBO
5
µA
Parameter
Test condition
Part
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com