Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BC856
Description  Small Signal Transistors (PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BC856 Datasheet(HTML) 5 Page - Vishay Siliconix

  BC856 Datasheet HTML 1Page - Vishay Siliconix BC856 Datasheet HTML 2Page - Vishay Siliconix BC856 Datasheet HTML 3Page - Vishay Siliconix BC856 Datasheet HTML 4Page - Vishay Siliconix BC856 Datasheet HTML 5Page - Vishay Siliconix BC856 Datasheet HTML 6Page - Vishay Siliconix BC856 Datasheet HTML 7Page - Vishay Siliconix BC856 Datasheet HTML 8Page - Vishay Siliconix BC856 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VISHAY
BC856 to BC859
Document Number 85135
Rev. 1.2, 08-Sep-04
Vishay Semiconductors
www.vishay.com
5
Layout for RthJA test
Thickness: Fiberglass 1.5 mm (0.059 in.)
Copper leads 0.3 mm (0.012 in.)
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)
Figure 1. Admissible Power Dissipation vs. Temperature of
Substrate Backside
mW
500
400
300
200
100
0
0
100
200 °C
Ptot
TSB
19195
Figure 2. Pulse Thermal Resistance vs. Pulse Duration
(normalized)
-1
10
10
1s
10
10
10
10
10
10
-1
-2
-3
-4
-5
-6
tp
tp
tp
P
I
T
T
ν =
0.2
0.5
0.1
0.05
0.02
0.01
0.005
ν =0
10-7
-2
10
-3
10
rthSB
R thSB
19191



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com