Electronic Components Datasheet Search
  English  ▼

X  

PC87334VLJ Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 50Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 51Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 52Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 53Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 54Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 55Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 56Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 57Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 102 page
background image
40 FDC Command Set Description (Continued)
42 COMMAND SET SUMMARY
CONFIGURE
Command Phase
0
0
0
1
0011
0
0
0
0
0000
0
EIS
FIFO
POLL
THRESH
PRETRK
Execution Phase
Internal registers written
Result Phase
None
DUMPREG
Command Phase
00001110
Execution Phase
Internal registers read
Result Phase
PTR Drive 0
PTR Drive 1
PTR Drive 2
PTR Drive 3
Step Rate Time
Motor Off Time
Motor On Time
DMA
Sector per TrackEnd of Track (Note)
LOCK
0
DC3
DC2
DC1
DC0
GAP
WG
0
EIS
FIFO
POLL
THRESH
PRETRK
Note
Sectors per Track parameter returned if last command issued was
Format End of Track parameter returned if last command issued was
Read or Write
FORMAT TRACK
Command Phase
0
MFM
0
0
1
1
0
1
X
X
XXXHDDR1
DR0
Bytes per Sector
Sectors per Track
Format Gap
Data Pattern
Execution Phase
System transfers four ID bytes (track
head sector bytessector) per sector to the floppy control-
ler via DMA or Non-DMA modes The entire track is format-
ted The data block in the Data Field of each sector is filled
with the data pattern byte
Result Phase
Status Register 0
Status Register 1
Status Register 2
Undefined
Undefined
Undefined
Undefined
INVALID
Command Phase
Invalid Op Codes
Execution Phase None
Result Phase
Status Register 0 (80h)
LOCK
Command Phase
LOCK0010100
Execution Phase
Internal Lock register is written
Result Phase
000LOCK0000
MODE
Command Phase
00
0
0
0
0
0
1
TMR
IAF
IPS
0
LOW PWR
1
ETR
FWR
FRD
BST
R255
0
0
0
0
DENSEL
BFR
WLD
Head Settle
00
0
0
0
RG
0
PU
Execution Phase
Internal registers are written
Result Phase
None
NSC
Command Phase
00011000
Execution Phase
None
Result Phase
01110011
PERPENDICULAR MODE
Command Phase
0
0
0100
1
0
OW
0
DC3
DC2
DC1
DC0
GAP
WG
Execution Phase
Internal registers are written
Result Phase
None
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com