Electronic Components Datasheet Search
  English  ▼

X  

PC87334VLJ Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 8Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 9Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 10Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 11Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 12Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 13Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 14Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 15Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
10 Pin Description (Continued)
Symbol
PQFP
TQFP
IO
Function
Pin
Pin
DSKCHG
Normal
32
30
I
Disk Change
This input indicates if the drive door has been opened The state of this pin is
available from the Digital Input register This pin can also be configured as the Read Gate
Mode
(RGATE) data separator diagnostic input via the Mode command (see Section 426)
DSKCHG
PPM
89
87
I
Disk Change
This pin provides an additional Disk Change signal in PPM Mode when PNF e
0 (See PD4 and Table 7-5 for further information)
Mode
DSR12
76 68
74 66
I
Data Set Ready
When low this signal indicates that the data set or MODEM is ready to
establish a communications link The DSR signal is a MODEM status input whose condition
the CPU can test by reading bit 5 (DSR) of the MODEM Status Register (MSR) for the
appropriate channel Bit 5 is the complement of the DSR signal Bit 1 (DDSR) of the MSR
indicates whether the DSR input has changed states since the previous reading of the MSR
(See IRRX for further information)
Note
Whenever the DDSR bit of the MSR is set an interrupt is generated If MODEM Status interrupts are enabled
DSTRB
78
76
O
Data Strobe
This signal is used in EPP mode as a data strobe It is active low (See AFD and
Table 7-5 for further information)
DTR12
71 63
69 61
O
Data Terminal Ready
When low this output indicates to the MODEM or data set that the
UART is ready to establish a communications link The DTR signal can be set to an active low
by programming bit 0 (DTR) of the MODEM Control Register to a high level A Master Reset
operation sets this signal to its inactive (high) state Loop mode operation holds this signal to
its inactive state (See CFG4 – 0 and IRTX for further information)
ERR
79
77
I
Error
A connected printer sets this input low when it has detected an error This pin has a
nominal 25 kX pull-up resistor attached to it (See HDSEL and Table 7-5 for further
information)
FDACK
53
I
DMA Acknowledge
Active low input to acknowledge the FDC DMA request and enable the
RD and WR inputs during a DMA transfer When in PC-AT or Model 30 mode this signal is
enabled by bit D3 of the Digital Output Register (DOR) When in PS2 mode FDACK is always
enabled and bit D3 of the DOR is reserved FDACK should be held high during IO accesses
FDRQ
4
2
O
DMA Request
Active high output to signal the DMA controller that a FDC data transfer is
needed When in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When
in PS2 mode FDRQ is always enabled and bit D3 of the DOR is reserved
HCS0
58
56
O
Hard Drive Chip Select 0
This output is active in the AT mode when 1) the hard drive
registers from 1F0 – 1F7h are selected and the primary address is used or 2) the hard drive
registers from 170 – 177h are selected and the secondary address is used This output is
inactive if the IDE interface is disabled via the Configuration Register (See BADDR1 for
further information)
HCS1
57
55
O
Hard Drive Chip Select 1
This output is active in the AT mode when 1) the hard drive
registers from 3F6 – 7 are selected and the primary address is used or 2) the hard drive
registers from 376 – 377 are selected and the secondary address is used This output is also
inactive if the IDE interface is disabled via the Configuration Register (See CLK48 for further
information)
HDSEL
Normal
34
32
O
Head Select
This output determines which side of the FDD is accessed When active the
head selects side 1 When inactive the head selects side 0
Mode
HDSEL
PPM
79
77
O
Head Select
This pin provides an additional Head Select signal in PPM Mode when PNF e
0 (See ERR and Table 7-5 for further information)
Mode
IDEACK
59
57
IDE DMA Acknowledge
This is the IDE DMA acknowledge input pin when bit 1 of FCR is 1
In this case IOCS16 is assumed 0 It is the IOCS16 input pin when bit 1 of FCR is 0 (See
IOCS16 DRID0 and IRRX for further information)
IDED7
60
58
IO
IDE Bit 7
This pin provides the data bus bit 7 signal to the IDE hard drive during accesses in
the address range 1F0 – 1F7h 170 – 177h 3F6h and 376h This pin is in TRI-STATE during
read or write accesses to 3F7h and 377h
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com