Electronic Components Datasheet Search
  English  ▼

X  

PC87334VLJ Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 11Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 12Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 13Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 14Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 15Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 16Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 17Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 18Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
10 Pin Description (Continued)
Symbol
PQFP
TQFP
IO
Function
Pin
Pin
PDACK
54
52
I
Printer DMA Acknowledge
Active low input to acknowledge the printer DMA request and
enable the RD and WR inputs during a DMA transfer This pin is PDACK input pin when bit 3 of
PMC is 1 It is IDENT when bit 3 of PMC is 0 PDACK input pin is ECP DMA acknowledge
PDACK is assumed to be 1 when bit 3 of PMC is 0
IDENT is assumed to be 1 when bit 3 of PMC is 1
This input is valid only in ECP mode
PDRQ
33
31
O
Printer DMA Request
Active high output to signal the DMA controller that a printer data
transfer is required This pin is in TRI-STATE when ECP is disabled (bit 2 of PCR is 0) or
configured with no DMA (bit 3 of PMC is 0) This output is valid only in ECP mode
PWDN
31
I
Power Down
This multi-function pin stops the clocks andor the external crystal based on
the selections made in the Power and Test Register bits 1-2 This pin also affects the FDC
UARTs IDE and Parallel Port pins when the relevant PMC register bits are set (See ZWS for
further information)
PE
83
81
I
Paper End
This input is set high by the printer when it is out of paper This pin has a nominal
25 kX pull-down resistor attached to it (See WDATA and Table 7-5 for further information)
PNF
49
47
I
Printer Not Floppy
PNF is the Printer Not Floppy pin when bit 2 of FCR is 1 It selects the
device which is connected to the PPM pins A parallel printer is connected when PNF e 1
and a floppy disk drive is connected when PNF e 0 This pin is the DRV2 input pin when bit 2
of FCR is 0 (See DRV2 for further information)
RD
19
17
I
Read
Active low input to signal data read by the microprocessor
RDATA
Normal
35
33
I
Read Data
This input is the raw serial data read from the floppy disk drive
Mode
RDATA
PPM
91
89
I
Read Data
This pin provides an additional Read Data signal in PPM Mode when PNF e 0
(See PD3 and Table 7-5 for further information)
Mode
RI12
70 62
68 60
I
Ring Indicator
When low this indicates that a telephone ring signal has been received by the
MODEM The RI signal is a MODEM status input whose condition the CPU can test by reading
bit 6 (RI) of the MODEM Status Register (MSR) for the appropriate serial channel Bit 6 is the
complement of the RI signal Bit 2 (TERI) of the MSR indicates whether the RI input has
changed from low to high since the previous reading of the MSR
Note
When the TERI bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
RTS12
74 66
72 64
O
Request to Send
When low this output indicates to the MODEM or data set that the UART is
ready to exchange data The RTS signal can be set to an active low by programming bit 1
(RTS) of the MODEM Control Register to a high level A Master Reset operation sets this
signal to its inactive (high) state Loop mode operation holds this signal to its inactive state
(See CFG0 – 4 for further information)
SIN12
75 67
73 65
I
Serial Input
This input receives composite serial data from the communications link (eg
peripheral device MODEM or data set)
SLCT
82
80
I
Select
When a printer is connected it sets this input high This pin has a nominal 25 kX pull-
down resistor attached to it
SLIN
81
79
IO
Select Input
When this signal is low it selects the printer This pin is in a TRI-STATE
condition 10 ns aftera0is loaded into the corresponding Control Register bit The system
should pull this pin high using a 47 kX resistor (See ASTRB STEP and Table 7-5 for further
information)
SOUT12
73 65
71 63
O
Serial Output
This output signal sends composite serial data to the communications link (eg
peripheral device MODEM or data set) The SOUT signal is set to a marking state (logic 1)
after a Master Reset operation (See BOUT and CFG0 – 4 for further information)
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com