Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 120 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 120 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 124Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 231 page
background image
Rev. 1.60
1�0
�ove��e� ��� �01�
Rev. 1.60
1�1
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Enhanced Type TM Register Description
OveralloperationoftheEnhancedTMiscontrolledusingaseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter10-bitvalue,whiletworead/writeregisterpairsexisttostore
theinternal10-bitCCRAandCCRBvalue.Theremainingthreeregistersarecontrolregisterswhich
setupthedifferentoperatingandcontrolmodesaswellasthethreeCCRPbits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM1C0
T1PAU
T1CK�
T1CK1
T1CK0
T1O�
T1RP�
T1RP1
T1RP0
TM1C1
T1AM1
T1AM0
T1AIO1
T1AIO0
T1AOC
T1APOL
T1CD�
T1CCLR
TM1C�
T1BM1
T1BM0
T1BIO1
T1BIO0
T1BOC
T1BPOL T1PWM1 T1PWM0
TM1DL
D7
D6
D�
D�
D3
D�
D1
D0
TM1DH
—
—
—
—
—
—
D9
D8
TM1AL
D7
D6
D�
D�
D3
D�
D1
D0
TM1AH
—
—
—
—
—
—
D9
D8
TM1BL
D7
D6
D�
D�
D3
D�
D1
D0
TM1BH
—
—
—
—
—
—
D9
D8
10-bit Enhanced TM Register List
TM1C0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
T1PAU
T1CK�
T1CK1
T1CK0
T1O�
T1RP�
T1RP1
T1RP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
T1PAU:TM1CounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheTMwillremainpoweredup
andcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhenthisbit
changesfromlowtohighandresumecountingfromthisvaluewhenthebitchanges
toalowvalueagain.
Bit6~4
T1CK2~T1CK0:SelectTM1Counterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fTBC
101:Undefined
110:TCK1risingedgeclock
111:TCK1fallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheTM.SelectingtheReserved
clockinputwilleffectivelydisabletheinternalcounter.Theexternalpinclocksource
canbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSisthe
systemclock,whilefHandfTBCareotherinternalclocks,thedetailsofwhichcanbe
foundintheoscillatorsection.
Bit3
T1ON:TM1CounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheTM.Settingthebithighenablesthe
countertorun,clearingthebitdisablestheTM.Clearingthisbittozerowillstopthe
counterfromcountingandturnofftheTMwhichwillreduceitspowerconsumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com