Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 123 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 123 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 127Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 231 page
background image
Rev. 1.60
1��
�ove��e� ��� �01�
Rev. 1.60
1�3
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
TM1C2 Register
Bit
7
6
5
4
3
2
1
0
�a�e
T1BM1
T1BM0
T1BIO1
T1BIO0
T1BOC
T1BPOL T1PWM1 T1PWM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
T1BM1, T1BM0:SelectTM1CCRBOperatingMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMModeorSinglePulseOutputMode
11:Timer/Countermode
ThesebitssetuptherequiredoperatingmodefortheTM.Toensurereliableoperation
theTMshouldbeswitchedoffbeforeanychangesaremadetotheT1BM1and
T1BM0bits.IntheTimer/CounterMode,theTMoutputpincontrolmustbedisabled.
Bit5~4
T1BIO1, T1BIO0:SelectTP1B_0,TP1B_1,TP1B_2outputfunction
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMMode/SinglePulseOutputMode
00:PWMOutputinactivestate
01:PWMOutputactivestate
10:PWMoutput
11:Singlepulseoutput
CaptureInputMode
00:InputcaptureatrisingedgeofTP1B_0,TP1B_1,TP1B_2
01:InputcaptureatfallingedgeofTP1B_0,TP1B_1,TP1B_2
10:Inputcaptureatfalling/risingedgeofTP1B_0,TP1B_1,TP1B_2
11:Inputcapturedisabled
Timer/CounterMode
Unused
ThesetwobitsareusedtodeterminehowtheTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheTMisrunning.
IntheCompareMatchOutputMode,theT1BIO1andT1BIO0bitsdeterminehow
theTMoutputpinchangesstatewhenacomparematchoccursfromtheComparator
A.TheTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresent
statewhenacomparematchoccursfromtheComparatorA.Whenthebitsareboth
zero,thennochangewilltakeplaceontheoutput.TheinitialvalueoftheTMoutput
pinshouldbesetupusingtheT1BOCbitintheTM1C2register.Notethattheoutput
levelrequestedbytheT1BIO1andT1BIO0bitsmustbedifferentfromtheinitial
valuesetupusingtheT1BOCbitotherwisenochangewilloccurontheTMoutputpin
whenacomparematchoccurs.AftertheTMoutputpinchangesstate,itcanbereset
toitsinitiallevelbychangingtheleveloftheT1ONbitfromlowtohigh.
InthePWMMode,theT1BIO1andT1BIO0bitsdeterminehowtheTMoutputpin
changesstatewhenacertaincomparematchconditionoccurs.ThePWMoutput
functionismodifiedbychangingthesetwobits.Itisnecessarytoonlychangethe
valueoftheT1BIO1andT1BIO0bitsonlyaftertheTMhasbeenswitchedoff.
UnpredictablePWMoutputswilloccuriftheT1BIO1andT1BIO0bitsarechanged
whentheTMisrunning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com