Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 130 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 130 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 129Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 134Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 231 page
background image
Rev. 1.60
130
�ove��e� ��� �01�
Rev. 1.60
131
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Counte� Value
0x3FF
CCRB
CCRA
TnO�
TnPAU
TnBPOL
CCRB Int.
Flag TnBF
CCRA Int.
Flag TnAF
TPnB O/P
Pin
Ti�e
CCRA=0
CCRA = 0
Counte� ove�flow
CCRA > 0 Counte� clea�ed �y CCRA value
Pause
Resu�e
Stop
Counte� Resta�t
TnCCLR = 1; TnBM [1:0] = 00
Output pin set to
initial Level Low
if TnBOC=0
Output Toggle with
TnBF flag
�ote TnBIO [1:0] = 10
Active High Output select
He�e TnBIO [1:0] = 11
Toggle Output select
Output not affected �y
TnBF flag. Re�ains High
until �eset �y TnO� �it
Output Pin
Reset to Initial value
Output cont�olled �y
othe� pin-sha�ed function
Output Inve�ts
when TnBPOL is high
�o TnAF flag
gene�ated on
CCRA ove�flow
ETM CCRB Compare Match Output Mode – TnCCLR = 1
Note:1.WithTnCCLR=1aComparatorAmatchwillclearthecounter
2.TheTPnBoutputpiniscontrolledonlybytheTnBFflag
3.TheTPnBoutputpinisresettoitsinitialstatebyaTnONbitrisingedge
4.TheTnPFflagisnotgeneratedwhenTnCCLR=1
Timer/Counter Mode
Toselectthismode,bitsT1AM1,T1AM0andT1BM1,T1BM0intheTM1C1andTM1C2register
shouldbesetto11respectively.TheTimer/CounterModeoperatesinanidenticalwaytothe
CompareMatchOutputModegeneratingthesameinterruptflags.TheexceptionisthatintheTimer/
CounterModetheTMoutputpinisnotused.ThereforetheabovedescriptionandTimingDiagrams
fortheCompareMatchOutputModecanbeusedtounderstanditsfunction.AstheTMoutputpin
isnotusedinthismode,thepincanbeusedasanormalI/Opinorotherpin-sharedfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com