Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 131 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 131 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 129Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 135Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 231 page
background image
Rev. 1.60
130
�ove��e� ��� �01�
Rev. 1.60
131
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
PWM Output Mode
Toselectthismode,bitsT1AM1,T1AM0andT1BM1,T1BM0intheTM1C1andTM1C2register
shouldbesetto10respectivelyandalsothecorrespondingT1AIO1,T1AIO0andT1BIO1,T1BIO0
bitsshouldbesetto10respectively.ThePWMfunctionwithintheTMisusefulforapplications
whichrequirefunctionssuchasmotorcontrol,heatingcontrol,illuminationcontroletc.By
providingasignaloffixedfrequencybutofvaryingdutycycleontheTMoutputpin,asquarewave
ACwaveformcanbegeneratedwithvaryingequivalentDCRMSvalues.
AsboththeperiodanddutycycleofthePWMwaveformcanbecontrolled,thechoiceofgenerated
waveformisextremelyflexible.InthePWMmode,theT1CCLRbithasnoeffectasthePWM
period.BothoftheCCRAandCCRPregistersareusedtogeneratethePWMwaveform,oneregister
isusedtocleartheinternalcounterandthuscontrolthePWMwaveformfrequency,whiletheother
oneisusedtocontrolthedutycycle.Whichregisterisusedtocontroleitherfrequencyordutycycle
isdeterminedusingtheT1DPXbitintheTM1C1register.ThePWMwaveformfrequencyandduty
cyclecanthereforebecontrolledbythevaluesintheCCRAandCCRPregisters.
Aninterruptflag,oneforeachoftheCCRAandCCRP,willbegeneratedwhenacomparematch
occursfromeitherComparatorAorComparatorP.TheT1OCbitintheTM1C1registerisusedto
selecttherequiredpolarityofthePWMwaveformwhilethetwoT1IO1andT1IO0bitsareusedto
enablethePWMoutputortoforcetheTMoutputpintoafixedhighorlowlevel.TheT1POLbitis
usedtoreversethepolarityofthePWMoutputwaveform.
• ETM, PWM Mode, Edge - aligned Mode, T1CCLR=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Pe�iod
1�8
��6
38�
�1�
6�0
768
896
10��
A Duty
CCRA
B Duty
CCRB
IffSYS=16MHz,TMclocksourceselectfSYS/4,CCRP=100b,CCRA=128andCCRB=256,
TheTP1APWMoutputfrequency=(fSYS/4)/512=fSYS/2048=7.8125kHz,duty=128/512=25%.
TheTP1B_nPWMoutputfrequency=(fSYS/4)/512=fSYS/2048=7.8125kHz,duty=256/512=50%.
IftheDutyvaluedefinedbyCCRAorCCRBregisterisequaltoorgreaterthanthePeriodvalue,
thenthePWMoutputdutyis100%.
• ETM, PWM Mode, Edge - aligned Mode, T1CCLR=1
CCRP
1
2
3
511
512
1021
1022
1023
Pe�iod
1
�
3
�11
�1�
10�1
10��
10�3
B Duty
CCRB
• ETM, PWM Mode, Center - aligned Mode, T1CCLR=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Pe�iod
��6
38�
�1�
6�0
768
896
10��
�0�6
A Duty
(CCRA�)-1
B Duty
(CCRB�)-1
• ETM, PWM Mode, Center - aligned Mode, T1CCLR=1
CCRP
1
2
3
511
512
1021
1022
1023
Pe�iod
�
3
�11
�1�
10�1
10��
10�3
�0�6
B Duty
(CCRB�)-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com