Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 137 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 137 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 141Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 231 page
background image
Rev. 1.60
136
�ove��e� ��� �01�
Rev. 1.60
137
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Counte� Value
CCRB
CCRA
TnO�
TnPAU
TnAPOL
CCRB Int.
Flag TnBF
CCRA Int.
Flag TnAF
TPnA Pin
(TnAOC=1)
Ti�e
Counte� stopped
�y CCRA
Pause
Resu�e
Counte� Stops
�y softwa�e
Counte� Reset
when TnO�
�etu�ns high
TnAM [1:0] = 10� TnBM [1:0] = 10;
TnAIO [1:0] = 11� TnBIO [1:0] = 11
Pulse Width set
�y (CCRA-CCRB)
Output Inve�ts
when TnBPOL=1
TCKn pin
Softwa�e
T�igge�
Clea�ed �y
CCRA �atch
TCKn pin
T�igge�
Auto. set �y
TCKn pin
Softwa�e
T�igge�
Softwa�e
Clea�
Softwa�e
T�igge�
Softwa�e
T�igge�
TnBPOL
TPnA Pin
(TnAOC=0)
TPnB Pin
(TnBOC=1)
TPnB Pin
(TnBOC=0)
Pulse Width
set �y CCRA
Output Inve�ts
when TnAPOL=1
Single Pulse Mode (n=1)
Note:1.CounterstoppedbyCCRA
2.CCRPisnotused
3.ThepulseistriggeredbytheTCKnpinorbysettingtheTnONbithigh
4.ATCKnpinactiveedgewillautomaticallysettheTnONbithigh
5.IntheSinglePulseMode,TnAIO[1:0]andTnBIO[1:0]mustbesetto"11"andcannotbe
changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com