Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 141 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 141 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 141Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 144Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 145Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 231 page
background image
Rev. 1.60
1�0
�ove��e� ��� �01�
Rev. 1.60
1�1
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Analog to Digital Converter – ADC
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Overview
Thedevicescontainamulti-channelanalogtodigitalconverter,channel0~3areforexternalsignal
input,channel4~6areforOPA1applicationandchannel7isforOPA2application.Thepositive
referencevoltageisselectedbyVRPS[1:0]option,andthenegativereferencevoltageisselectedby
VRNS[1:0].
Device
Input Channels
A/D Channel Select Bits
Input Pins
HT��F6�/HT��F66/HT��F67
8
ACS�~ACS0
A�0~AN7
TheaccompanyingblockdiagramshowstheoverallinternalstructureoftheA/Dconverter,together
withitsassociatedregisters.
A/ D Co nv er te r
A/ D Re fe re nc e Vo lt ag e
A DRL
AD RH
A/ D Da ta
Re gi st er s
ST AR T EO CB AD OF F
V SS
Ba n dga p
AD CK 2 ~A DC K0
f SY S
A/ D Cl oc k
AV DD
AD OF F
Bi t
¸ 2 N
(N =0 ~6 )
AN 0
AN 1
AN 7
AD VR H
A/D Converter Structure
A/D Converter Data Registers – ADRL, ADRH
Thedevice,whichhasaninternal12-bitA/Dconverter,requirestwodataregisters,ahighbyte
register,knownasADRH,andalowbyteregister,knownasADRL.Aftertheconversionprocess
takesplace,theseregisterscanbedirectlyreadbythemicrocontrollertoobtainthedigitised
conversionvalue.Onlythehighbyteregister,ADRH,utilisesitsfull8-bitcontents.Thelow
byteregisterutilisesonly4bitofits8-bitcontentsasitcontainsonlythelowestbitsofthe12-bit
convertedvalue.
Inthefollowingtable,D0~D11istheA/Dconversiondataresultbits.
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADRL
D3
D�
D1
D0
—
—
—
—
ADRH
D11
D10
D9
D8
D7
D6
D�
D�
A/D Data Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com