Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 142 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 142 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 141Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 144Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 145Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 146Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 231 page
background image
Rev. 1.60
1��
�ove��e� ��� �01�
Rev. 1.60
1�3
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
ADRL, ADRH Register
Bit
ADRH
ADRL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
�a�e D11 D10 D9 D8 D7 D6 D� D� D3 D� D1 D0
—
—
—
—
R/W
R
R
R
R
R
R
R
R
R
R
R
R
—
—
—
—
POR
x
x
x
x
x
x
x
x
x
x
x
x
—
—
—
—
"x" unknown
"—"unimplemented,readas"0"
D11~D0:ADCconversiondata
A/D Converter Control Registers – ADCR0, ADCR1, ADCR2
TocontrolthefunctionandoperationoftheA/Dconverter,threecontrolregistersknownasADCR0,
ADCR1andADCR2areprovided.These8-bitregistersdefinefunctionssuchastheselectionofwhich
analogchannelisconnectedtotheinternalA/Dconverter,thedigitiseddataformat,theA/Dclock
sourceaswellascontrollingthestartfunctionandmonitoringtheA/Dconverterendofconversion
status.TheACS2~ACS0bitsintheADCR0registerdefinetheADCinputchannelnumber.Asthe
devicecontainsonlyoneactualanalogtodigitalconverterhardwarecircuit,eachoftheindividual8
analoginputsmustberoutedtotheconverter.ItisthefunctionoftheACS2~ACS0bitstodetermine
whichanalogchannelinputpinisactuallyconnectedtotheinternalA/Dconverter.
ADCR0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
START
EOCB
ADOFF
—
—
ACS�
ACS1
ACS0
R/W
R/W
R
R/W
—
—
R/W
R/W
R/W
POR
0
1
1
—
—
0
0
0
Bit7
START:StarttheA/Dconversion
0→1→0:Start
0→1:ResettheA/DconverterandsetEOCBto"1"
ThisbitisusedtoinitiateanA/Dconversionprocess.Thebitisnormallylowbutifset
highandthenclearedlowagain,theA/Dconverterwillinitiateaconversionprocess.
WhenthebitissethightheA/Dconverterwillbereset.
Bit6
EOCB:EndofA/Dconversionflag
0:A/Dconversionended
1:A/Dconversioninprogress
ThisreadonlyflagisusedtoindicatewhenanA/Dconversionprocesshascompleted.
Whentheconversionprocessisrunning,thebitwillbehigh.
Bit5
ADOFF:ADCmodulepoweron/offcontrolbit
0:ADCmodulepoweron
1:ADCmodulepoweroff
ThisbitcontrolsthepowertotheA/Dinternalfunction.Thisbitshouldbecleared
tozerotoenabletheA/Dconverter.IfthebitissethighthentheA/Dconverterwill
beswitchedoffreducingthedevicepowerconsumption.AstheA/Dconverterwill
consumealimitedamountofpower,evenwhennotexecutingaconversion,thismay
beanimportantconsiderationinpowersensitivebatterypoweredapplications.
Note:1.ItisrecommendedtosetADOFF=1beforeenteringIDLE/SLEEPModefor
savingpower.
2.ADOFF=1willpowerdowntheADCmodule.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com