Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 151 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 151 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 147Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 148Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 149Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 150Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 151Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 152Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 153Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 154Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 155Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 231 page
background image
Rev. 1.60
1�0
�ove��e� ��� �01�
Rev. 1.60
1�1
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Operational Amplifier
ThischipbuildsinOPA1andOPA2formeasureapplication.The10-bitDACoffersa0to0.5
DACreferencevoltagetonon-invertinginputofOPA1andOPA2.TheOPA1supports3different
amplificationbySW0~SW2setting,andthenoutputstochannel4~6ofADC.
TheOPA2isfortemperaturemeasureandexternalsignalmeasureandoutputstochannel7ofADC.
TheOPA1andOPA2arecontrolledbyregisterOPC1andOPC2setting.
Theusercancontrolswitch0~5forvaryapplication.PleaserefertoregisterTSCforswitchcontrol.
OPC1 Register
Bit
7
6
5
4
3
2
1
0
�a�e OP1_AOFM OP1_ARS OP1E� OP1AOF� OP1AOF3 OP1AOF� OP1AOF1 OP1AOF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
OP1_AOFM:Inputoffsetvoltagecancellationmodeandoperationalamplifiermodeselection
0:operationalamplifiermode
1:inputoffsetvoltagecancellationmode
Bit6
OP1_ARS:Operationalamplifierinputoffsetvoltagecancellationreferenceselectionbit
0:selectOP1Nasthereferenceinput
1:selectOP1Pasthereferenceinput
WhenOP1_AOFM(S3C)=0,S2CandS1Cwillbeclosedatthesametime.
WhenOP1_AOFM=1,itwillbesetOP1_ARStoselectOP1PorOP1Nasareferencepoint.
Bit5
OP1EN:Operationalamplifier1control
0:disabled
1:enabled
Bit4~0
OP1AOF4~OP1AOF0:Operationalamplifierinputoffsetvoltagecancellationcontrolbits
OPC2 Register
Bit
7
6
5
4
3
2
1
0
�a�e
OP�_AOFM OP�_ARS OP�E� OP�AOF� OP�AOF3 OP�AOF� OP�AOF1 OP�AOF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
OP2_AOFM:Inputoffsetvoltagecancellationmodeandoperationalamplifiermodeselection
0:operationalamplifiermode
1:inputoffsetvoltagecancellationmode
Bit6
OP2_ARS:Operationalamplifierinputoffsetvoltagecancellationreferenceselectionbit
0:selectOP2Nasthereferenceinput
1:selectOP2Pasthereferenceinput
WhenOP2_AOFM(S3C)=0,S2CandS1Cwillbeclosedatthesametime.
WhenOP2_AOFM=1,itwillbesetOP2_ARStoselectOP2PorOP2Nasareferencepoint.
Bit5
OP2EN:Operationalamplifier2control
0:disabled
1:enabled
Bit4~0
OP2AOF4~OP2AOF0:Operationalamplifierinputoffsetvoltagecancellationcontrolbits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com