Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 180 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 180 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 176Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 177Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 178Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 179Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 180Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 181Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 182Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 183Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 184Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 231 page
background image
Rev. 1.60
180
�ove��e� ��� �01�
Rev. 1.60
181
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
0�H
08H
0CH
10H
1�H
Vector
P�io�ity
High
Request
Flags
Ena�le
Bits
Maste�
Ena�le
Request
Flags
Ena�le
Bits
EMI auto disa�led in ISR
Inte��upt
�a�e
Inte��upt
�a�e
EMI
EMI
EMI
EMI
EMI
T0AF
T0AE
T0PF
T0PE
I�T0F
I�T0 Pin
I�T0E
I�T1F
I�T1 Pin
I�T1E
ADF
A/D
ADE
MF0F
M. Funct. 0
MF0E
MF1F
M. Funct. 1
MF1E
xxF
Legend
Request Flag– no auto �eset in ISR
xxF
Request Flag– auto �eset in ISR
xxE Ena�le Bit
T1AF
T1AE
T1PF
T1PE
18H
1CH
�0H
Low
LVF
LVD
LVE
EMI
EMI
EMI
SIMF
SIME
MF�F
M. Funct. �
MF�E
TB0F
Ti�e Base 0
TB0E
TB1F
Ti�e Base 1
TB1E
SPI1F
SPI1E
T�AF
TM� A
T�AE
T�PF
T�PE
XPF
XPE
SPI1
PI�TB Pin
TM� P
SIM
TM1 A
TM1 P
TM0 A
TM0 P
URF
URE
UART
Inte��upts contained within
Multi-Function Inte��upts
0�H
08H
0CH
10H
1�H
Vector
P�io�ity
High
Request
Flags
Ena�le
Bits
Maste�
Ena�le
Request
Flags
Ena�le
Bits
EMI auto disa�led in ISR
Inte��upt
�a�e
Inte��upt
�a�e
EMI
EMI
EMI
EMI
EMI
T0AF
T0AE
T0PF
T0PE
I�T0F
I�T0 Pin
I�T0E
I�T1F
I�T1 Pin
I�T1E
ADF
A/D
ADE
MF0F
M. Funct. 0
MF0E
MF1F
M. Funct. 1
MF1E
xxF
Legend
Request Flag– no auto �eset in ISR
xxF
Request Flag– auto �eset in ISR
xxE Ena�le Bit
T1AF
T1AE
T1PF
T1PE
18H
1CH
�0H
Low
LVF
LVD
LVE
EMI
EMI
EMI
SIMF
SIME
MF�F
M. Funct. �
MF�E
TB0F
Ti�e Base 0
TB0E
TB1F
Ti�e Base 1
TB1E
SPI1F
SPI1E
T�AF
TM� A
T�AE
T�PF
T�PE
XPF
XPE
SPI1
PI�TB Pin
TM� P
SIM
TM1 A
TM1 P
TM0 A
TM0 P
URF
URE
UART
Inte��upts contained within
Multi-Function Inte��upts
Interrupt Structure − HT45F65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com