Electronic Components Datasheet Search
  English  ▼

X  

HT45F2020 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
Rev. 1.00
32
April 11, 2017
Rev. 1.00
33
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Watchdog Timer
TheWatchdogTimerisprovidedtopreventprogrammalfunctionsorsequencesfromjumpingto
unknownlocations,duetocertainuncontrollableexternaleventssuchaselectricalnoise.
Watchdog Timer Clock Source
TheWatchdogTimerclocksourceisprovidedbytheinternalfLIRCclockwhichissuppliedbytheLIRC
oscillator.TheWatchdogTimersourceclockisthensubdividedbyaratioof28to215togivelonger
timeouts,theactualvaluebeingchosenusingtheWS2~WS0bitsintheWDTCregister.TheLIRC
internaloscillatorhasanapproximateperiodof32kHzatasupplyvoltageof5V.However,itshouldbe
notedthatthisspecifiedinternalclockperiodcanvarywithVDD,temperatureandprocessvariations.
Watchdog Timer Control Register
Asingleregister,WDTC,controlstherequiredtimeoutperiodaswellastheenable/disableandreset
MCUoperation.ThisregistercontrolstheoveralloperationoftheWatchdogTimer.
WDTC Register
Bit
7
6
5
4
3
2
1
0
Name
WE4
WE3
WE2
WE1
WE0
WS2
WS1
WS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
0
1
1
Bit7~3
WE4~WE0:WDTfunctionsoftwarecontrol
10101:Disable
01010:Enable
Othervalues:ResetMCU(TheresetoperationwillbeactivatedaftertSRESETtime.)
Whenthesebitsarechangedbytheenvironmentalnoiseorsoftwaresettingtoreset
themicrocontroller,theresetoperationwillbeactivatedafteradelaytime,tSRESET,and
theWRFbitintheRSTFCregisterwillbesetto1.
Bit2~0
WS2~WS0:WDTtime-outperiodselection
000:28/fLIRC
001:29/fLIRC
010:210/fLIRC
011:211/fLIRC
100:212/fLIRC
101:213/fLIRC
110:214/fLIRC
111:215/fLIRC
ThesethreebitsdeterminethedivisionratiooftheWatchdogTimersourceclock,
whichinturndeterminesthetimeoutperiod.
RSTFC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
WRF
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas“0”
Bit0
WRF:WDTcontrolregistersoftwareresetflag
0:Notoccurred
1:Occurred
Thisbitissetto1bytheWDTcontrolregistersoftwareresetandclearedbythe
applicationprogram.Notethatthisbitcanonlybeclearedto0bytheapplicationprogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com