Electronic Components Datasheet Search
  English  ▼

X  

HT45F2020 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
Rev. 1.00
38
April 11, 2017
Rev. 1.00
39
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Input/Output Ports
HoltekmicrocontrollersofferconsiderableflexibilityontheirI/Oports.Withtheinputoroutput
designationofeverypinfullyunderuserprogramcontrol,pull-highselectionsforallportsand
wake-upselectionsoncertainpins,theuserisprovidedwithanI/Ostructuretomeettheneedsofa
widerangeofapplicationpossibilities.
Thedeviceprovidesbidirectionalinput/outputlineslabeledwithportnamePA.TheseI/Oports
aremappedtotheRAMDataMemorywithspecificaddressesasshownintheSpecialPurpose
DataMemorytable.AlloftheseI/Oportscanbeusedforinputandoutputoperations.Forinput
operation,theseportsarenon-latching,whichmeanstheinputsmustbereadyattheT2risingedge
ofinstruction“MOVA,[m]”,wheremdenotestheportaddress.Foroutputoperation,allthedatais
latchedandremainsunchangeduntiltheoutputlatchisrewritten.
Register
Name
Bit
7
6
5
4
3
2
1
0
PA
—
—
—
—
PA3
PA2
PA1
PA0
PAC
—
—
—
—
PAC3
PAC2
PAC1
PAC0
PAPU
—
—
—
—
PAPU3
PAPU2
PAPU1
PAPU0
PAWU
—
—
—
—
PAWU3
PAWU2
PAWU1
PAWU0
I/O Logic Function Register List
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.
Thesepull-highresistorsareselectedusingtherelevantpull-highcontrolregistersPAPU,andare
implementedusingweakPMOStransistors.Notethatthepull-highresistorcanbecontrolledbythe
relevantpull-highcontrolregistersonlywhenthepin-sharedfunctionalpinisselectedasadigital
inputorNMOSoutput.Otherwise,thepull-highresistorscannotbeenabled.
PAPU Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
PAPU3
PAPU2
PAPU1
PAPU0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas“0”
Bit3~0
PAPU3~PAPU0:PortAbit3~bit0Pull-highControl
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com