Electronic Components Datasheet Search
  English  ▼

X  

HT66F302 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT66F302
Description  Cost-Effective Flash MCU with EEPROM
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F302 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT66F302 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 53Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 54Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 55Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 56Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 129 page
background image
Rev. 1.11
52
April 11, 2017
Rev. 1.11
53
April 11, 2017
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.These
pull-highresistorsareselectedusingregisterLVPUCandPAPU~PBPU,andareimplementedusing
weakPMOStransistors.
Notethatthepull-highresistorcanbecontrolledbytherelevantpull-highcontrolregisteronly
whenthepin-sharedfunctionalpinisselectedasaninputorNMOSoutput.Otherwise,thepull-high
resistorscannotbeenabled.
LVPUC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
LVPU
—
—
—
R/W
—
—
—
—
R/W
—
—
—
POR
—
—
—
—
0
—
—
—
Bit7~4
Unimplemented,readas“0”
Bit3
LVPU:LowVoltagePull-HighresistorControl
0:allpinpullhighresistoris30kΩ@5V
1:allpinpullhighresistoris7.5kΩ(10kΩ//30kΩ)@5V
Bit2~0
Unimplemented,readas“0”
PAPU Register
Bit
7
6
5
4
3
2
1
0
Name
PAPU7
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
I/OPortAbit7~bit0Pull-HighControl
0:Disable
1:Enable
PBPU Register – HT66F303
Bit
7
6
5
4
3
2
1
0
Name
—
—
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas“0”
Bit5~0
I/OPortBbit5~bit0Pull-HighControl
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com