Electronic Components Datasheet Search
  English  ▼

X  

HT66F302 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT66F302
Description  Cost-Effective Flash MCU with EEPROM
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F302 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT66F302 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 129 page
background image
Rev. 1.11
80
April 11, 2017
Rev. 1.11
81
April 11, 2017
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
PTMC1 Register
Bit
7
6
5
4
3
2
1
0
Name
PTM1
PTM0
PTIO1
PTIO0
PTOC
PTPOL
PTCKS
PTCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PTM1~PTM0:SelectPTMOperationMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheTM.Toensurereliableoperation
theTMshouldbeswitchedoffbeforeanychangesaremadetothePTM1andPTM0
bits.IntheTimer/CounterMode,thePTMoutputpinstateisundefined.
Bit5~4
PTIO1~PTIO0:SelectPTMoutputfunction
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMMode/SinglePulseOutputMode
00:PWMOutputinactivestate
01:PWMOutputactivestate
10:PWMoutput
11:Singlepulseoutput
CaptureInputMode
00:InputcaptureatrisingedgeofPTPI
01:InputcaptureatfallingedgeofPTPI
10:Inputcaptureatfalling/risingedgeofPTPI
11:Inputcapturedisabled
Timer/counterMode
Unused
ThesetwobitsareusedtodeterminehowtheTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheTMisrunning.
IntheCompareMatchOutputMode,thePTIO1andPTIO0bitsdeterminehowthe
TMoutputpinchangesstatewhenacomparematchoccursfromtheComparatorA.
TheTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresentstate
whenacomparematchoccursfromtheComparatorA.Whenthesebitsarebothzero,
thennochangewilltakeplaceontheoutput.TheinitialvalueoftheTMoutputpin
shouldbesetupusingthePTOCbit.NotethattheoutputlevelrequestedbythePTIO1
andPTIO0bitsmustbedifferentfromtheinitialvaluesetupusingthePTOCbit
otherwisenochangewilloccurontheTMoutputpinwhenacomparematchoccurs.
AftertheTMoutputpinchangesstate,itcanberesettoitsinitiallevelbychanging
thelevelofthePTONbitfromlowtohigh.
InthePWMMode,thePTIO1andPTIO0bitsdeterminehowtheTMoutputpin
changesstatewhenacertaincomparematchconditionoccurs.ThePWMoutput
functionismodifiedbychangingthesetwobits.Itisnecessarytochangethevalues
ofthePTIO1andPTIO0bitsonlyaftertheTMhasbeenswitchedoff.Unpredictable
PWMoutputswilloccurifthePTIO1andPTIO0bitsarechangedwhentheTMis
running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com