Electronic Components Datasheet Search
  English  ▼

X  

HT66F302 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT66F302
Description  Cost-Effective Flash MCU with EEPROM
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F302 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT66F302 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 129 page
background image
Rev. 1.11
14
April 11, 2017
Rev. 1.11
15
April 11, 2017
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
ADC Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
1.8
—
5.5
V
VADI
Input Voltage
—
—
0
—
VREF
V
VREF
Reference Voltage
—
—
1.8
—
VDD
V
DNL
Differential Nonlinearity
1.8V V
REF
=AVDD=VDD,
tADCK=2.0μs
-3
—
+3
LSB
3V VREF=AVDD=VDD,
tADCK=0.5μs
5V
INL
Integral Nonlinearity
1.8V V
REF
=AVDD=VDD,
tADC=2.0μs
-4
—
+4
LSB
3V VREF=AVDD=VDD,
tADC=0.5μs
5V
IADC
Additional Current for ADC Enable
1.8V
No load (tADCK=0.5μs)
—
0.8
1.0
mA
3V
—
0.2
0.4
mA
5V
—
0.3
0.6
mA
tADCK
Clock Period
—
1.8V ≤ VDD ≤ 2.0V
2.0
—
10
μs
2.0V ≤ VDD ≤ 5.5V
0.5
—
10
μs
tON2ST
ADC on to ADC Start
—
—
4
—
—
μs
tADC
Conversion Time
(Include ADC Sample and Hold Time)
—
—
—
16
—
tADCK
IPGA
Additional Current for PGA Enable
1.8V No load
—
160
250
μA
3V No load
—
180
300
μA
5V No load
—
250
350
μA
VCM
PGA Common Mode Voltage Range
1.8V
—
1
— AVDD-0.4
V
2.2V
—
1
— AVDD-0.4
V
3V
—
1
— AVDD-0.4
V
5V
—
1
— AVDD-0.4
V
VOR
PGA Maximum Output Voltage Range
1.8V
—
VSS+0.1
—
VDD–0.1
V
2.2V
—
VSS+0.1
—
VDD–0.1
V
3V
—
VSS+0.1
—
VDD–0.1
V
5V
—
VSS+0.1
—
VDD–0.1
V
Ga
PGA Gain Accuracy
—
—
-5
—
+5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com