Electronic Components Datasheet Search
  English  ▼

X  

HT66F302 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT66F302
Description  Cost-Effective Flash MCU with EEPROM
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F302 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT66F302 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 129 page
background image
Rev. 1.11
2
April 11, 2017
Rev. 1.11
3
April 11, 2017
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
EEPROM Data Memory...................................................................................... 28
EEPROM Data Memory Structure .............................................................................................28
EEPROM Registers ...................................................................................................................29
Reading Data from the EEPROM .............................................................................................31
Writing Data to the EEPROM.....................................................................................................31
Write Protection..........................................................................................................................31
EEPROM Interrupt .....................................................................................................................31
Programming Considerations.....................................................................................................32
Oscillators .......................................................................................................... 33
Oscillator Overview ....................................................................................................................33
System Clock Configurations.....................................................................................................33
Internal RC Oscillator – HIRC ....................................................................................................34
Internal 32kHz Oscillator – LIRC................................................................................................34
Supplementary Oscillator...........................................................................................................34
Operating Modes and System Clocks ............................................................. 34
System Clocks ...........................................................................................................................34
System Operation Modes...........................................................................................................35
Control Register .........................................................................................................................37
Operating Mode Switching ........................................................................................................39
Standby Current Considerations................................................................................................43
Wake-up.....................................................................................................................................43
Watchdog Timer................................................................................................. 44
Watchdog Timer Clock Source...................................................................................................44
Watchdog Timer Control Register ..............................................................................................44
Watchdog Timer Operation ........................................................................................................45
Reset and Initialisation...................................................................................... 46
Reset Functions .........................................................................................................................46
Reset Initial Conditions ..............................................................................................................50
Input/Output Ports............................................................................................. 52
Pull-high Resistors .....................................................................................................................53
Port A Wake-up ..........................................................................................................................54
I/O Port Control Registers..........................................................................................................54
Pin-shared Functions .................................................................................................................55
Pin-shared Registers..................................................................................................................55
I/O Pin Structures.......................................................................................................................57
Programming Considerations.....................................................................................................58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com