| Electronic Components Datasheet Search |
|
HT66F302 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F302 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 129 page ![]() Rev. 1.11 4 April 11, 2017 Rev. 1.11 5 April 11, 2017 HT66F302/HT66F303 Cost-Effective Flash MCU with EEPROM HT66F302/HT66F303 Cost-Effective Flash MCU with EEPROM Timer Modules – TM .......................................................................................... 59 Introduction ................................................................................................................................59 TM Operation .............................................................................................................................59 TM Clock Source........................................................................................................................60 TM Interrupts..............................................................................................................................60 TM External Pins........................................................................................................................60 TM Input/Output Pin Selection ...................................................................................................61 Programming Considerations.....................................................................................................62 Standard Type TM – STM .................................................................................. 63 Standard TM Operation..............................................................................................................63 Standard Type TM Register Description ....................................................................................63 Standard Type TM Operating Modes .........................................................................................68 Periodic Type TM – PTM.................................................................................... 78 Periodic TM Operation ...............................................................................................................78 Periodic Type TM Register Description......................................................................................78 Periodic Type TM Operating Modes...........................................................................................83 Analog to Digital Converter – ADC................................................................... 92 A/D Overview .............................................................................................................................92 A/D Converter Register Description...........................................................................................93 A/D Converter Data Registers – SADOL, SADOH.....................................................................93 A/D Converter Control Registers – SADC0, SADC1, SADC2, PASR ........................................93 A/D Operation ............................................................................................................................96 A/D Reference Voltage...............................................................................................................97 A/D Converter Input Signal ........................................................................................................98 Conversion Rate and Timing Diagram .......................................................................................98 Summary of A/D Conversion Steps............................................................................................99 Programming Considerations...................................................................................................100 A/D Transfer Function ..............................................................................................................100 A/D Programming Examples....................................................................................................101 Interrupts.......................................................................................................... 103 Interrupt Registers....................................................................................................................103 Interrupt Operation...................................................................................................................106 External Interrupt......................................................................................................................107 Multi-function Interrupt .............................................................................................................108 A/D Converter Interrupt............................................................................................................108 Time Base Interrupts................................................................................................................108 EEPROM Interrupt ...................................................................................................................109 TM Interrupts............................................................................................................................110 Interrupt Wake-up Function.....................................................................................................110 Programming Considerations................................................................................................... 110 Configuration Option....................................................................................... 111 Application Circuits......................................................................................... 111 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |