Electronic Components Datasheet Search
  English  ▼

X  

PCM1860 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1860
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1860 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1860 Datasheet HTML 17Page - Texas Instruments PCM1860 Datasheet HTML 18Page - Texas Instruments PCM1860 Datasheet HTML 19Page - Texas Instruments PCM1860 Datasheet HTML 20Page - Texas Instruments PCM1860 Datasheet HTML 21Page - Texas Instruments PCM1860 Datasheet HTML 22Page - Texas Instruments PCM1860 Datasheet HTML 23Page - Texas Instruments PCM1860 Datasheet HTML 24Page - Texas Instruments PCM1860 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
Sample Rate (kHz)
48
96
144
192
0
50
100
150
200
250
D011
4ch
2ch
Frequency (Hz)
-35
-30
-25
-20
-15
-10
-5
0
20
200
2k
20k
D012
Supply Voltage (V)
3
3.1
3.2
3.3
3.4
3.5
3.6
-95.1
-95
-94.9
-94.8
-94.7
-94.6
-94.5
-94.4
-94.3
-94.2
-94.1
D009
Supply Voltage (V)
3
3.1
3.2
3.3
3.4
3.5
3.6
-91.9
-91.85
-91.8
-91.75
-91.7
-91.65
-91.6
-91.55
-91.5
D010
Supply Voltage (V)
3
3.1
3.2
3.3
3.4
3.5
3.6
-110.75
-110.5
-110.25
-110
-109.75
-109.5
-109.25
-109
-108.75
D007
Supply Voltage (V)
3
3.1
3.2
3.3
3.4
3.5
3.6
-103.6
-103.5
-103.4
-103.3
-103.2
-103.1
-103
-102.9
-102.8
-102.7
-102.6
D008
21
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
www.ti.com
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
all specifications at TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, IOVDD = 3.3 V, master mode, single-speed mode, fS = 48 kHz,
system clock = 256 × fS, and 24-bit data (unless otherwise noted)
PCM1861-Q1, PCM1863-Q1, and PCM1865-Q1
Figure 12. Dynamic Range vs Supply Voltage
PCM1860-Q1, PCM1862-Q1, and PCM1864-Q1
Figure 13. Dynamic Range vs Supply Voltage
PCM1861-Q1, PCM1863-Q1, and PCM1865-Q1
Figure 14. THD+N vs Supply Voltage
PCM1860-Q1, PCM1862-Q1, and PCM1864-Q1
Figure 15. THD+N vs Supply Voltage
At fS = 48 kHz, 96 kHz, and 192 kHz
Figure 16. Power Consumption vs Sample Rate
fS = 48 kHz
Figure 17. Secondary ADC Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com