Electronic Components Datasheet Search
  English  ▼

X  

PCM1860 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1860
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1860 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1860 Datasheet HTML 9Page - Texas Instruments PCM1860 Datasheet HTML 10Page - Texas Instruments PCM1860 Datasheet HTML 11Page - Texas Instruments PCM1860 Datasheet HTML 12Page - Texas Instruments PCM1860 Datasheet HTML 13Page - Texas Instruments PCM1860 Datasheet HTML 14Page - Texas Instruments PCM1860 Datasheet HTML 15Page - Texas Instruments PCM1860 Datasheet HTML 16Page - Texas Instruments PCM1860 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
13
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
www.ti.com
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
IOVDD and LDO current consumption is negligible for software-controlled devices in standby mode.
7.6 Electrical Characteristics: DC
all specifications at TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, IOVDD = 3.3 V, slave mode, single-speed mode, fS = 48 kHz,
system clock = 512 × fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
AVDD current
2-channel device, AVDD = DVDD = IOVDD = 3.3 V,
active mode
18
mA
DVDD current
0.01
mA
IOVDD current
6.2
mA
Total Power
80
mW
AVDD current
2-channel device, AVDD = DVDD = IOVDD = 3.3 V,
sleep mode
2.8
mA
DVDD current
0.353
mA
IOVDD current
2.2
mA
Total power
17.6
mW
AVDD current
2-channel device, AVDD = DVDD = IOVDD = 3.3 V,
standby mode for software device
0.06
mA
DVDD current
0.015
mA
IOVDD current
0.12
mA
Total power
0.64
mW
AVDD current
2-channel device, AVDD = DVDD = IOVDD = 3.3 V,
standby mode for hardware device
1.3
mA
DVDD current
0.353
mA
IOVDD current
1.6
mA
Total power
10.725
mW
AVDD current
2-channel device, AVDD = DVDD = 3.3 V,
IOVDD = LDO = 1.8 V, active mode
18
mA
DVDD current
0.015
mA
IOVDD and LDO Current
5.4
mA
Total power
69.2
mW
AVDD current
2-channel device, AVDD = DVDD = 3.3 V
IOVDD = LDO = 1.8 V, sleep mode
2.8
mA
DVDD current
0.353
mA
IOVDD and LDO Current
2
mA
Total power
13.995
mW
AVDD current
2-channel device, AVDD = DVDD = 3.3 V,
IOVDD = LDO = 1.8 V,
standby mode for software device
0.06
mA
DVDD current
0.007
mA
Total power(1)
0.221
mW
AVDD current
2-channel device, AVDD = DVDD = 3.3 V,
IOVDD = LDO = 1.8 V,
standby mode for hardware device
1.3
mA
DVDD current
0.35
mA
IOVDD and LDO Current
1.4
mA
Total power
7.965
mW
AVDD current
4-channel device, AVDD = DVDD = IOVDD = 3.3 V,
active mode
31
mA
DVDD current
0.01
mA
IOVDD current
10
mA
Total power
135.3
mW
AVDD current
4-channel device, AVDD = DVDD = IOVDD = 3.3 V,
sleep mode
2.8
mA
DVDD current
0.35
mA
IOVDD current
2.2
mA
Total power
17.655
mW
AVDD current
4-channel device, AVDD = DVDD = IOVDD = 3.3 V,
standby mode for software device
0.06
mA
DVDD current
0.015
mA
IOVDD current
0.12
mA
Total power
0.644
mW
AVDD current
4-channel device, AVDD = DVDD = IOVDD = 3.3 V,
standby mode for hardware device
1.3
mA
DVDD current
0.35
mA
IOVDD current
0.16
mA
Total power
10.725
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com