Electronic Components Datasheet Search
  English  ▼

X  

PCM1860 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1860
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1860 Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM1860 Datasheet HTML 32Page - Texas Instruments PCM1860 Datasheet HTML 33Page - Texas Instruments PCM1860 Datasheet HTML 34Page - Texas Instruments PCM1860 Datasheet HTML 35Page - Texas Instruments PCM1860 Datasheet HTML 36Page - Texas Instruments PCM1860 Datasheet HTML 37Page - Texas Instruments PCM1860 Datasheet HTML 38Page - Texas Instruments PCM1860 Datasheet HTML 39Page - Texas Instruments PCM1860 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 141 page
background image
36
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
9.3.9.4.1
Clock Configuration and Selection for Hardware-Controlled Devices
The PCM1860-Q1 and PCM1861-Q1 hardware-controlled devices offer both master and slave functionality. In
master mode, a source master clock (of 256x, 384x, or 512x the sampling rate) can be sourced from either an
external crystal (XI/XO) or on an incoming SCK. (see the External Clock-Source Limits section for input rate
limitations on SCK sources) The clock from XI and SCK are OR-ed internally, allowing either to be used.
These hardware-controlled devices can generate the other I2S clocks (BCK and LRCK) in master mode (with
dividers set in MD0 and MD1) or be a clock slave to MCK,BCK and LRCK. In this scenario, the device auto-
detects the clock divider ratio.
In master mode, BCK per LRCK is fixed at 64, and allows up to 32 bits per channel.
Selection of the appropriate master or slave, and clock ratio between MCK and fS can be done using MD0 and
MD1.
Table 6 shows the suggested master clock rates for each of the sample rates supported. For slave mode, set
BCK per LRCK to 64.
Table 6. External Master Clock Rate Versus Sampling Frequency
SAMPLING RATE FREQUENCY
(kHz)
SYSTEM CLOCK FREQUENCY (MHz)
256 × fS
384 × fS
512 × fS
8.0
2.048
3.072
4.096
16.0
4.096
6.144
8.192
32.0
8.1920
12.2880
16.3840
44.1
11.2896
16.9344
22.5792
48.0
12.2880
18.4320
24.5760
64.0
16.3840
24.5760
32.7680
88.2
22.5792
33.8688
45.1584
96.0
24.5760
36.8640
49.1520
176.4
45.1584
—
—
192.0
49.1520
—
—
9.3.9.4.2
Clock Sources for Software-Controlled Devices
The PCM1862-Q1, PCM1863-Q1, PCM1864-Q1, and PCM1865-Q1 software-controlled devices support a wide
range of options for generating the clocks required to operate the ADC section, as well as an interface and other
control blocks, as shown in Figure 34.
The clocks for the PLL require a source reference clock. This clock source can be configured on software
devices as the XTAL, SCK or BCK.
These software-controlled devices share a similar clock tree for the generation and distribution of clocks, as
shown in Figure 33.
Register CLK_MODE (Page.0 0x20) is used to configure the clock configuration. Bits [5:7] configure the OR and
MUX for the incoming MCLK.
Register MST_MODE (Page.0 0x20) is used to set the device in master or slave mode. Bits [1:3] set clock
sources for the ADC, DSP1 and DSP2. These can mostly be ignored for the most common applications, but are
provided for advanced users.
Register MST_SCK_SRC (Page.0 0x20) is used to set the source of the SCKO in master mode. The master
mode BCK and LRCK will be a division of this. The selection is either SCKI/XTI or PLL. PLL can be used when
you have a non-audio rate reference clock (BCK or SCKI), as well as when you have an SCKI that is much too
slow for what is required for SCKO.
Most applications will use XTI/SCKI as the source for master mode SCK.
The CLKDET_EN (Page.0, 0x20) register bit (auto clock detector) is important; the clock detector is mainly
functional for slave modes, and for master modes where the master clock is a 256×, 384×, or 512× multiple of
the incoming data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com