Electronic Components Datasheet Search
  English  ▼

X  

PCM1860 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1860
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1860 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM1860 Datasheet HTML 35Page - Texas Instruments PCM1860 Datasheet HTML 36Page - Texas Instruments PCM1860 Datasheet HTML 37Page - Texas Instruments PCM1860 Datasheet HTML 38Page - Texas Instruments PCM1860 Datasheet HTML 39Page - Texas Instruments PCM1860 Datasheet HTML 40Page - Texas Instruments PCM1860 Datasheet HTML 41Page - Texas Instruments PCM1860 Datasheet HTML 42Page - Texas Instruments PCM1860 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
www.ti.com
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
39
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Table 9. PCM1862-Q1 and PCM1863-Q1 (2-Channel) Clock Divider and Source Control in the Presence of External SCK
fS
SCK RATIO
SCK FREQ
(MHz)
PLL RATIO
PLL FREQ
(MHz)
PLL CONFIG
DSP1 CLOCK
(MHz)
DSP1 CLOCK
DSP 2
CLOCK (MHz)
DSP2 CLOCK
ADC CLOCK
(MHz)
ADC CLOCK
SOURCE
DIVIDER
SOURCE
DIVIDER
SOURCE
DIVIDER
8 kHz
128
1.024
12288
98.304
P=1,R=2,
J=48, D=0
2.048
PLL
48
2.048
PLL
48
1.024
PLL
96
256
2.048
12288
98.304
P=1,R=2,
J=24, D=0
2.048
SCK
1
2.048
SCK
1
1.024
SCK
2
384
3.072
12288
98.304
P=1,R=2,
J=16, D=0
2.048
SCK
1
2.048
SCK
1
1.024
SCK
3
512
4.096
Off
2.048
SCK
2
2.048
SCK
2
1.024
SCK
4
768
6.144
Off
3.072
SCK
2
3.072
SCK
2
1.024
SCK
6
16 kHz
128
2.048
6144
98.304
P=1,R=2,
J=24, D=0
4.096
PLL
24
4.096
PLL
24
2.048
PLL
48
256
4.096
6144
98.304
P=1,R=2,
J=12, D=0
4.096
SCK
1
4.096
SCK
1
2.048
SCK
2
384
6.144
6144
98.304
P=1,R=2, J=8,
D=0
6.144
SCK
1
6.144
SCK
1
2.048
SCK
3
512
8.192
Off
4.096
SCK
2
4.096
SCK
2
2.048
SCK
4
768
12.288
Off
6.144
SCK
2
6.144
SCK
2
2.048
SCK
6
48 kHz
128
6.144
2048
98.304
P=1,R=2, J=8,
D=0
12.288
PLL
8
12.288
PLL
8
6.144
PLL
16
256
12.288
2048
98.304
P=2,R=2, J=8,
D=0
12.288
SCK
1
12.288
SCK
1
6.144
SCK
2
384
18.432
2048
98.304
P=3,R=2, J=8,
D=0
18.432
SCK
1
18.432
SCK
1
6.144
SCK
3
512
24.576
Off
12.288
SCK
2
12.288
SCK
2
6.144
SCK
4
768
36.864
Off
18.432
SCK
2
18.432
SCK
2
6.144
SCK
6
96 kHz
128
12.288
1024
98.304
P=4,R=2,
J=16, D=0
24.756
PLL
4
24.756
PLL
4
6.144
SCK
2
256
24.576
1024
98.304
P=8,R=2,
J=16, D=0
24.756
SCK
1
24.756
SCK
1
6.144
SCK
4
384
36.864
1024
98.304
P=12,R=2,
J=16, D=0
24.756
SCK
1
24.756
SCK
1
6.144
SCK
6
512
49.152
Off
24.756
SCK
2
24.756
SCK
2
6.144
SCK
8
192 kHz
128
24.576
512
98.304
P=4,R=2, J=8,
D=0
49.152
PLL
2
49.152
PLL
2
6.144
SCK
4
256
49.152
512
98.304
P=8,R=2, J=8,
D=0
49.152
SCK
1
49.152
SCK
1
6.144
SCK
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com