Electronic Components Datasheet Search
  English  ▼

X  

PCM1860 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1860
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1860 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM1860 Datasheet HTML 45Page - Texas Instruments PCM1860 Datasheet HTML 46Page - Texas Instruments PCM1860 Datasheet HTML 47Page - Texas Instruments PCM1860 Datasheet HTML 48Page - Texas Instruments PCM1860 Datasheet HTML 49Page - Texas Instruments PCM1860 Datasheet HTML 50Page - Texas Instruments PCM1860 Datasheet HTML 51Page - Texas Instruments PCM1860 Datasheet HTML 52Page - Texas Instruments PCM1860 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 141 page
background image
Time of loss of signal
(Y minutes )
INT
Threshold
Level
1 ms
Stopped BCK and LRCK by the Host
Sleep State
49
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
www.ti.com
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
9.3.11 Energysense
Energysense functionality has been added to the PCM186x-Q1 to aid with auto-sleep and auto-wakeup for end
equipment systems that are expected to be sold within the European Union. The latest Ecodesign legislation in
Europe has demanded that products consume less than 500 mW in standby. Most off-the-shelf external power
adaptors can consume 300 mW when idling, leaving the system with only 200 mW available. In many systems
that require that almost everything be powered down in sleep mode after there is no more content to be played,
and then to be powered back up when signal enters the system again.
Energysense is designed to work in collaboration with a microcontroller to trigger interrupts notifying the
microcontroller to change the state of the PCM186x-Q1, and the rest of the board (for example, amplifiers, and
so on). The PCM186x-Q1 does not automatically switch between sleep and wake modes.
Energysense is split into two functions: signal loss flag and signal resume flag. Both are available on the
PCM186x-Q1 software-controlled devices. The PCM1860-Q1 and PCM1861-Q1 only support signal resume, as
shown in Table 17. By default, the signal resume threshold is set at –57 dBFS. Signal resume (autowakeup) only
functions when the device has been set to sleep.
Table 17. Energysense States
MODE
PURPOSE
CONDITIONS
POSITIVE OUTCOME
WORST CASE
SLEEP
(Signal Detect
Mode)
Detect Input Signal and Wake up
from SLEEP
BCK and LRCK stopped (not locked) or
register Set.
Host Wakes and services interrupt (reads
register)
Host Doesn't respond or start clocks.
Trigger Interrupt when input crosses
above (threshold)
Host Starts BCK/LRCK. (Moving system to
ACTIVE mode) or writes to register.
PCM186x-Q1 keeps triggering interrupts
until host responds.
Trigger for 1ms every X seconds until
clocks start (x=1 by default)
ACTIVE
(Signal Loss
Mode)
Detect content below (threshold)
over time
BCK and LRCK are currently running
System can choose to go to sleep or not. If
not, reset interrupt
If system does not sleep, remain in Mode
2, and prompt every Y.
Assist system to sleep after
audio inactivity (for example,
Source is off, but speaker still
on)
If no content above -(threshold) dB for Y
minutes, drive interrupt.
If System decides to sleep, stop BCK/LRCK.
This will move PCM186x-Q1 to SLEEP mode.
MCU will need to mask that interrupt.
9.3.11.1 Energysense Signal Loss Flag
The main ADC constantly monitors the input signal level while in ACTIVE mode. Should the input level remain
below a register defined threshold (for example –60 dB - Virtual Coefficient 0x2C, programmable through Page
1.) for a register defined amount of time (for example 1 minute - set by SIGDET_LOSS_TIME (Page.0, 0x33) ),
an interrupt can be generated.
If the system MCU decides to move to sleep mode, the PCM186x-Q1 can be moved to SLEEP by stopping
BCK/LRCK or using PWRDN_CTRL (Page.0, 0x70); see Table 17 for details.
If BCK and LRCK are stopped by the host after the interrupt, the device goes to the sleep state as shown in
Figure 37. Otherwise, the interrupt continues for a few seconds, defined by SIGDET_INT_INTVL (Page.0, 0x36)
unless the interrupt and timeout counter is reset.
Figure 37. Energysense Signal Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com