Electronic Components Datasheet Search
  English  ▼

X  

PCM1860 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1860
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1860 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1860 Datasheet HTML 4Page - Texas Instruments PCM1860 Datasheet HTML 5Page - Texas Instruments PCM1860 Datasheet HTML 6Page - Texas Instruments PCM1860 Datasheet HTML 7Page - Texas Instruments PCM1860 Datasheet HTML 8Page - Texas Instruments PCM1860 Datasheet HTML 9Page - Texas Instruments PCM1860 Datasheet HTML 10Page - Texas Instruments PCM1860 Datasheet HTML 11Page - Texas Instruments PCM1860 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 141 page
background image
8
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
Schmitt trigger input with internal pull-down (50 kΩ, typically).
Pin Functions: PCM1860-Q1 and PCM1861-Q1
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VINL2/VIN1M
Analog input
Analog input 2, L-channel (or differential M input for input 1)
2
VINR2/VIN2M
Analog input
Analog input 2, R-channel (or differential M input for input 2)
3
VINL1/VIN1P
Analog input
Analog input 1, L-channel (or differential P input for input 1)
4
VINR1/VIN2P
Analog input
Analog input 1, R-channel (or differential P input for input 2)
5
Mic Bias
Power
Microphone bias output
6
VREF
Power
Reference voltage output decoupling point (typically, 0.5 AVDD). Connect 1-µF capacitor
from this pin to AGND.
7
AGND
Power
Analog ground
8
AVDD
Power
Analog power supply (typically, 3.3 V). Connect 0.1-µF and 10-µF capacitors from this pin
to AGND.
9
XO
Digital output
Crystal oscillator output
10
XI
Digital input
Crystal oscillator input or master clock input (1.8-V CMOS signal)
11
LDO
Power
Internal low-dropout regulator (LDO) decoupling output, or external 1.8-V input to bypass
LDO. Connect 0.1-µF and 10-µF capacitors from this pin to DGND.
12
DGND
Power
Digital ground
13
DVDD
Power
Digital power supply (typically, 3.3 V). Connect 0.1-µF and 10-µF capacitors from this pin to
DGND.
14
IOVDD
Power
Power supply for I/O voltages (typically, 3.3 V or 1.8 V).
15
SCKI
Digital input
CMOS level (3.3 V) master clock input
16
LRCK
Digital
input/output
Audio data word clock (left right clock) input/output(1)
17
BCK
Digital
input/output
Audio data bit clock input/output (1)
18
DOUT
Digital output
Audio data digital output
19
INT
Analog output
Interrupt output (for analog input detection). Pull high for active mode, pull low for idle.
20
MD6
Analog input
Analog MUX and gain selection using MD6, MD5, and MD2 pins, respectively:
000: SE Ch 1 (VINL1 and VINR1)
001: SE Ch 2 (VINL2 and VINR2)
010: SE Ch 3 (VINL3 and VINR3)
011: SE Ch 4 (VINL4 and VINR4)
100: SE Ch 4 with 12-dB gain
101: SE Ch 4 with 32-dB gain
110: Diff Ch 1 (VIN1P and VIN1M, VIN2P and VIN2M)
111: Diff Ch 2 (VIN3P and VIN3M, VIN4P and VIN4M) with 12-dB gain
21
MD5
Analog input
Analog MUX and gain selection (see MD6 pin for description)
22
MD4
Analog input
Audio format: high = left-justified, low = I2S
23
MD2
Analog input
Analog MUX and gain selection (see MD6 pin for description)
24
MD3
Digital Input
Filter select: 0 = FIR decimation filter, 1 = IIR low latency decimation filter
25
MD1
Analog input
Audio interface mode selection using MD1 and MD0 pins, respectively:
00: Slave mode, 256 × fS, 384 × fS, 512 × fS autodetect
01: Master mode (512 × fS)
10: Master mode (384 × fS)
11: Master mode (256 × fS)
26
MD0
Analog input
Audio interface mode selection (see MD1 pin for description)
27
VINL4/VIN4M
Analog input
Analog input 4, L-channel (or differential M input for input 4)
28
VINR4/VIN3M
Analog input
Analog input 4, R-channel (or differential M input for input 3)
29
VINL3/VIN4P
Analog input
Analog input 3, L-channel (or differential P input for input 4)
30
VINR3/VIN3P
Analog input
Analog input 3, R-channel (or differential P input for input 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com