Electronic Components Datasheet Search
  English  ▼

X  

FDC37C672 Datasheet(PDF) 3 Page - SMSC Corporation

Part # FDC37C672
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C672 Datasheet(HTML) 3 Page - SMSC Corporation

  FDC37C672 Datasheet HTML 1Page - SMSC Corporation FDC37C672 Datasheet HTML 2Page - SMSC Corporation FDC37C672 Datasheet HTML 3Page - SMSC Corporation FDC37C672 Datasheet HTML 4Page - SMSC Corporation FDC37C672 Datasheet HTML 5Page - SMSC Corporation FDC37C672 Datasheet HTML 6Page - SMSC Corporation FDC37C672 Datasheet HTML 7Page - SMSC Corporation FDC37C672 Datasheet HTML 8Page - SMSC Corporation FDC37C672 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 173 page
background image
Enhanced Super I/O Controller with Fast IR
Datasheet
SMSC FDC37C672
Page 3
Rev. 10-29-03
PRELIMINARY DATASHEET
FDC37C672 Datasheet Revision History
REVISION LEVEL
AND DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 10-29-03
Ordering Information, page 2
Update order numbers for QFP and
TQFP packages.
Rev. 10-28-03
Chapter 3 - Description of Pin Functions, page 12
Added TQFP values.
Rev. 10-28-03
Chapter 4 - Description of Multifunction Pins, page
15
Added TQFP values.
Rev. 10-27-03
Figure 2.2 - FDC37C672 100 Pin TQFP, page 11
Added TQFP pin layout.
Rev. 10-27-03
Figure 23.2 - 100 Pin TQFP Package Outline,
14X14X1.4 Body, 2 MM Footprint, page 173
Added TQFP package outline.
Rev. 10-27-03
Features - Cover
Added TQFP package.
Rev. 06-09-97
Figure 2.1 - FDC37C672 100 Pin QFP, page 10
Pin #90 added to Pin-Out.
Rev. 06-09-97
Section 6.1.4 - Tape Drive Register (TDR), page 24
Updated section.
Rev. 06-09-97
Table 6.3 - Tape Select Bits, page 24
Updated table.
Rev. 06-09-97
Table 19.1 - Configuration Registers, page 123
Updated table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com