Electronic Components Datasheet Search
  English  ▼

X  

FDC37C672 Datasheet(PDF) 41 Page - SMSC Corporation

Part # FDC37C672
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C672 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button FDC37C672 Datasheet HTML 37Page - SMSC Corporation FDC37C672 Datasheet HTML 38Page - SMSC Corporation FDC37C672 Datasheet HTML 39Page - SMSC Corporation FDC37C672 Datasheet HTML 40Page - SMSC Corporation FDC37C672 Datasheet HTML 41Page - SMSC Corporation FDC37C672 Datasheet HTML 42Page - SMSC Corporation FDC37C672 Datasheet HTML 43Page - SMSC Corporation FDC37C672 Datasheet HTML 44Page - SMSC Corporation FDC37C672 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 173 page
background image
Enhanced Super I/O Controller with Fast IR
Datasheet
SMSC FDC37C672
Page 41
Rev. 10-29-03
PRELIMINARY DATASHEET
SYMBOL
NAME
DESCRIPTION
MFM
MFM/FM Mode
Selector
A one selects the double density (MFM) mode. A zero selects single density
(FM) mode.
MT
Multi-Track Selector
When set, this flag selects the multi-track operating mode. In this mode, the
FDC treats a complete cylinder under head 0 and 1 as a single track. The
FDC operates as this expanded track started at the first sector under head 0
and ended at the last sector under head 1. With this flag set, a multitrack
read or write operation will automatically continue to the first sector under
head 1 when the FDC finishes operating on the last sector under head 0.
N
Sector Size Code
This specifies the number of bytes in a sector. If this parameter is "00", then
the sector size is 128 bytes. The number of bytes transferred is determined
by the DTL parameter. Otherwise the sector size is (2 raised to the "N'th"
power) times 128. All values up to "07" hex are allowable. "07"h would
equal a sector size of 16k. It is the user's responsibility to not select
combinations that are not possible with the drive.
N
00
01
02
03
. .
SECTOR SIZE
128 bytes
256 bytes
512 bytes
1024 bytes
. . .
NCN
New Cylinder
Number
The desired cylinder number.
ND
Non-DMA Mode
Flag
When set to 1, indicates that the FDC is to operate in the non-DMA mode.
In this mode, the host is interrupted for each data transfer. When set to 0,
the FDC operates in DMA mode, interfacing to a DMA controller by means
of the DRQ and nDACK signals.
OW
Overwrite
The bits D0-D3 of the Perpendicular Mode Command can only be modified if
OW is set to 1. OW id defined in the Lock command.
PCN
Present Cylinder
Number
The current position of the head at the completion of Sense Interrupt Status
command.
POLL
Polling Disable
When set, the internal polling routine is disabled. When clear, polling is
enabled.
PRETRK
Precompensation
Start Track Number
Programmable from track 00 to FFH.
R
Sector Address
The sector number to be read or written. In multi-sector transfers, this
parameter specifies the sector number of the first sector to be read or
written.
RCN
Relative Cylinder
Number
Relative cylinder offset from present cylinder as used by the Relative Seek
command.
SC
Number of Sectors
Per Track
The number of sectors per track to be initialized by the Format command.
The number of sectors per track to be verified during a Verify command
when EC is set.
SK
Skip Flag
When set to 1, sectors containing a deleted data address mark will
automatically be skipped during the execution of Read Data. If Read Deleted
is executed, only sectors with a deleted address mark will be accessed.
When set to "0", the sector is read or written the same as the read and write
commands.
SRT
Step Rate Interval
The time interval between step pulses issued by the FDC. Programmable
from 0.5 to 8 milliseconds in increments of 0.5 ms at the 1 Mbit data rate.
Refer to the SPECIFY command for actual delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com