Electronic Components Datasheet Search
  English  ▼

X  

FDC37C672 Datasheet(PDF) 52 Page - SMSC Corporation

Part # FDC37C672
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C672 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button FDC37C672 Datasheet HTML 48Page - SMSC Corporation FDC37C672 Datasheet HTML 49Page - SMSC Corporation FDC37C672 Datasheet HTML 50Page - SMSC Corporation FDC37C672 Datasheet HTML 51Page - SMSC Corporation FDC37C672 Datasheet HTML 52Page - SMSC Corporation FDC37C672 Datasheet HTML 53Page - SMSC Corporation FDC37C672 Datasheet HTML 54Page - SMSC Corporation FDC37C672 Datasheet HTML 55Page - SMSC Corporation FDC37C672 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 173 page
background image
Enhanced Super I/O Controller with Fast IR
Datasheet
SMSC FDC37C672
Page 52
Rev. 10-29-03
DATASHEET
information read from each sector with the specified value in the command and sets the ND flag of Status
Register 1 to a "1" if there is no comparison. Multi-track or skip operations are not allowed with this
command. The MT and SK bits (bits D7 and D5 of the first command byte respectively) should always be
set to "0".
This command terminates when the EOT specified number of sectors has not been read. If the FDC does
not find an ID Address Mark on the diskette after the second occurrence of a pulse on the IDX pin, then it
sets the IC code in Status Register 0 to "01" (abnormal termination), sets the MA bit in Status Register 1 to
"1", and terminates the command.
Table 8.5 - Result Phase Table
MT
HEAD
FINAL SECTOR
TRANSFERRED TO
ID INFORMATION AT RESULT PHASE
HOST
C
H
R
N
0
0
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
NC
01
NC
1
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
NC
01
NC
1
0
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
NC
LSB
01
NC
1
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
LSB
01
NC
Notes:
NC: No Change, the same value as the one at the beginning of command execution.
LSB: Least Significant Bit, the LSB of H is complemented.
8.1.4
Write Data
After the Write Data command has been issued, the FDC loads the head (if it is in the unloaded state),
waits the specified head load time if unloaded (defined in the Specify command), and begins reading ID
fields. When the sector address read from the diskette matches the sector address specified in the
command, the FDC reads the data from the host via the FIFO and writes it to the sector's data field.
After writing data into the current sector, the FDC computes the CRC value and writes it into the CRC field
at the end of the sector transfer. The Sector Number stored in "R" is incremented by one, and the FDC
continues writing to the next data field. The FDC continues this "Multi-Sector Write Operation". Upon
receipt of a terminal count signal or if a FIFO over/under run occurs while a data field is being written, then
the remainder of the data field is filled with zeros. The FDC reads the ID field of each sector and checks
the CRC bytes. If it detects a CRC error in one of the ID fields, it sets the IC code in Status Register
0 to "01" (abnormal termination), sets the DE bit of Status Register 1 to "1", and terminates the Write Data
command.
The Write Data command operates in much the same manner as the Read Data command. The following
items are the same. Please refer to the Read Data Command for details:
Transfer Capacity
EN (End of Cylinder) bit
ND (No Data) bit
Head Load, Unload Time Interval
ID information when the host terminates the command
Definition of DTL when N = 0 and when N does not = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com