Electronic Components Datasheet Search
  English  ▼

X  

FDC37C672 Datasheet(PDF) 39 Page - SMSC Corporation

Part # FDC37C672
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C672 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button FDC37C672 Datasheet HTML 35Page - SMSC Corporation FDC37C672 Datasheet HTML 36Page - SMSC Corporation FDC37C672 Datasheet HTML 37Page - SMSC Corporation FDC37C672 Datasheet HTML 38Page - SMSC Corporation FDC37C672 Datasheet HTML 39Page - SMSC Corporation FDC37C672 Datasheet HTML 40Page - SMSC Corporation FDC37C672 Datasheet HTML 41Page - SMSC Corporation FDC37C672 Datasheet HTML 42Page - SMSC Corporation FDC37C672 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 173 page
background image
Enhanced Super I/O Controller with Fast IR
Datasheet
SMSC FDC37C672
Page 39
Rev. 10-29-03
PRELIMINARY DATASHEET
transfer request signal of up to the time taken for the FDC to read the last 16 bytes from the FIFO. The
host must tolerate this delay.
6.5.4
Result Phase
The generation of FINT determines the beginning of the result phase. For each of the commands, a
defined set of result bytes has to be read from the FDC before the result phase is complete. These bytes
of data must be read out for another command to start.
RQM and DIO must both equal "1" before the result bytes may be read. After all the result bytes have
been read, the RQM and DIO bits switch to "1" and "0" respectively, and the CB bit is cleared, indicating
that the FDC is ready to accept the next command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com