Electronic Components Datasheet Search
  English  ▼

X  

FDC37C672 Datasheet(PDF) 63 Page - SMSC Corporation

Part # FDC37C672
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C672 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button FDC37C672 Datasheet HTML 59Page - SMSC Corporation FDC37C672 Datasheet HTML 60Page - SMSC Corporation FDC37C672 Datasheet HTML 61Page - SMSC Corporation FDC37C672 Datasheet HTML 62Page - SMSC Corporation FDC37C672 Datasheet HTML 63Page - SMSC Corporation FDC37C672 Datasheet HTML 64Page - SMSC Corporation FDC37C672 Datasheet HTML 65Page - SMSC Corporation FDC37C672 Datasheet HTML 66Page - SMSC Corporation FDC37C672 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 173 page
background image
Enhanced Super I/O Controller with Fast IR
Datasheet
SMSC FDC37C672
Page 63
Rev. 10-29-03
PRELIMINARY DATASHEET
Chapter 9 Serial Port (UART)
The FDC37C672 incorporates two full function UARTs. They are compatible with the NS16450, the 16450
ACE registers and the NS16550A.
The UARTS perform serial-to-parallel conversion on received
characters and parallel-to-serial conversion on transmit characters. The data rates are independently
programmable from 460.8K baud down to 50 baud. The character options are programmable for 1 start; 1,
1.5 or 2 stop bits; even, odd, sticky or no parity; and prioritized interrupts. The UARTs each contain a
programmable baud rate generator that is capable of dividing the input clock or crystal by a number from 1
to 65535. The UARTs are also capable of supporting the MIDI data rate. Refer to the Configuration
Registers for information on disabling, power down and changing the base address of the UARTs. The
interrupt from a UART is enabled by programming
OUT2 of that UART to a logic "1". OUT2 being a logic "0" disables that UART's interrupt. The second
UART also supports IrDA, HP-SIR, ASK-IR, Fast IR and Consumer IR infrared modes of operation.
Note:
The UARTs may be configured to share an interrupt.
Refer to the Configuration section for more
information.
9.1
Register Description
Addressing of the accessible registers of the Serial Port is shown below. The base addresses of the serial
ports are defined by the configuration registers (see Configuration section). The Serial Port registers are
located at sequentially increasing addresses above these base addresses. The FDC37C672 contains two
serial ports, each of which contain a register set as described below.
Table 9.1 - Addressing the Serial Port
DLAB
(Note
9.1)
A2
A1
A0
REGISTER NAME
0
0
0
0
Receive Buffer (read)
0
0
0
0
Transmit Buffer (write)
0
0
0
1
Interrupt Enable (read/write)
X
0
1
0
Interrupt Identification (read)
X
0
1
0
FIFO Control (write)
X
0
1
1
Line Control (read/write)
X
1
0
0
Modem Control (read/write)
X
1
0
1
Line Status (read/write)
X
1
1
0
Modem Status (read/write)
X
1
1
1
Scratchpad (read/write)
1
0
0
0
Divisor LSB (read/write)
1
0
0
1
Divisor MSB (read/write
Note 9.1 DLAB is Bit 7 of the Line Control Register
The following section describes the operation of the registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com