Electronic Components Datasheet Search
  English  ▼

X  

PA12 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # PA12
Description  2.4GHz Band Dielectric Ceramic PIFA SMT Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA12 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  PA12 Datasheet HTML 1Page - Taoglas antenna solutions PA12 Datasheet HTML 2Page - Taoglas antenna solutions PA12 Datasheet HTML 3Page - Taoglas antenna solutions PA12 Datasheet HTML 4Page - Taoglas antenna solutions PA12 Datasheet HTML 5Page - Taoglas antenna solutions PA12 Datasheet HTML 6Page - Taoglas antenna solutions PA12 Datasheet HTML 7Page - Taoglas antenna solutions PA12 Datasheet HTML 8Page - Taoglas antenna solutions PA12 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SPE-11-8-092/D Page 4 of 19
2. Electrical Specifications
The antenna has the electrical characteristics given in Table 1 under the
Taoglas standard installation conditions as shown in the Evaluation Board.
figure.
Specification
Working Frequency
2400MHz ~ 2484MHz
Dimensions
10*4*3mm
Peak Gain
1.5 dBi max
Polarization
Linear
Impedance
50 Ω
VSWR
2.0 max
Operating Temperature
-40~+85°C
Termination
Ag(Environmentally Friendly Lead-Free)
* Data is measured on Taoglas Standard Reference PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com