Electronic Components Datasheet Search
  English  ▼

X  

PA12 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # PA12
Description  2.4GHz Band Dielectric Ceramic PIFA SMT Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA12 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  PA12 Datasheet HTML 1Page - Taoglas antenna solutions PA12 Datasheet HTML 2Page - Taoglas antenna solutions PA12 Datasheet HTML 3Page - Taoglas antenna solutions PA12 Datasheet HTML 4Page - Taoglas antenna solutions PA12 Datasheet HTML 5Page - Taoglas antenna solutions PA12 Datasheet HTML 6Page - Taoglas antenna solutions PA12 Datasheet HTML 7Page - Taoglas antenna solutions PA12 Datasheet HTML 8Page - Taoglas antenna solutions PA12 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-11-8-092/D Page 1 of 19
SPECIFICATION
Part No.
:
PA.12
Product Name
:
2.4GHz Band Dielectric Ceramic PIFA
SMT Antenna for Bluetooth/WLAN/Zigbee
Applications
Description
:
2400-2484Mhz, 1.5dBi Peak Gain
Size: 10mm*4mm*3mm
Designed for the top left hand corner
edge of the Component side of the board
(bottom right corner edge)
SMT Mount
RoHS Compliant


Similar Part No. - PA12

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA12 APEX-PA12 Datasheet
215Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA12 CIRRUS-PA12 Datasheet
326Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA12 CIRRUS-PA12 Datasheet
202Kb / 5P
Power Operational Amplifier
logo
List of Unclassifed Man...
PA12 ETC2-PA12 Datasheet
565Kb / 5P
Power Operational Amplifier
PA120T ETC2-PA120T Datasheet
80Kb / 4P
PA and PB Series Panel Protection Devices
More results

Similar Description - PA12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA11 ETC2-PA11 Datasheet
869Kb / 18P
2.4GHz Band Dielectric Ceramic PIFA SMT Antenna for Bluetooth/WLAN/Zigbee Applications
PA22A ETC2-PA22A Datasheet
1Mb / 21P
GSM Dielectric PIFA Antenna
logo
Taoglas antenna solutio...
PA22A TAOGLAS-PA22A Datasheet
1Mb / 19P
Tri-band Cellular Dielectric PIFA Antenna
PA11 TAOGLAS-PA11 Datasheet
1Mb / 19P
2.4GHz Band Dielectric Ceramic PIFA SMT Antenna for Bluetooth/WLAN/Zigbee Applications
PA.22A TAOGLAS-PA.22A_17 Datasheet
1Mb / 19P
TRI-BAND CELLULAR DIELECTRIC PIFA ANTENNA
logo
Molex Electronics Ltd.
0479480001 MOLEX-0479480001_V01 Datasheet
49Kb / 1P
2.4GHz SMT MID Chip Antenna
2065130001 MOLEX-2065130001 Datasheet
40Kb / 1P
2.4GHz SMT Ceramic Antenna, 3.00mm by 3.00mm
2065140001 MOLEX-2065140001 Datasheet
38Kb / 1P
2.4GHz / 5GHz SMT Ceramic Antenna, 4.00mm by 3.00mm
2119640001 MOLEX-2119640001 Datasheet
39Kb / 1P
2.4GHz / 5GHz Ceramic Loop SMT Antenna
logo
Pulse A Technitrol Comp...
W3613 PULSE-W3613 Datasheet
1Mb / 14P
2.4GHz SMT PIFA Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com