Electronic Components Datasheet Search
  English  ▼

X  

PA12 Datasheet(PDF) 7 Page - Taoglas antenna solutions

Part # PA12
Description  2.4GHz Band Dielectric Ceramic PIFA SMT Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA12 Datasheet(HTML) 7 Page - Taoglas antenna solutions

Back Button PA12 Datasheet HTML 3Page - Taoglas antenna solutions PA12 Datasheet HTML 4Page - Taoglas antenna solutions PA12 Datasheet HTML 5Page - Taoglas antenna solutions PA12 Datasheet HTML 6Page - Taoglas antenna solutions PA12 Datasheet HTML 7Page - Taoglas antenna solutions PA12 Datasheet HTML 8Page - Taoglas antenna solutions PA12 Datasheet HTML 9Page - Taoglas antenna solutions PA12 Datasheet HTML 10Page - Taoglas antenna solutions PA12 Datasheet HTML 11Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SPE-11-8-092/D Page 7 of 19
5. Summary of Test Results
5.1. Gain & Efficiency
Frequency (GHz)
Peak Gain(dBi)
Efficiency (%)
2.400
2.78
80.64
2.442
31.2
85.65
2.450
3.27
86.50
2.4835
2.76
75.91
2.500
2.34
68.07
5.2. Power Average Gain
Frequency (GHz)
Plane
Average Gain (dBi)
2.400
XY plane
YZ plane
XZ plane
-1.622
-1.324
-0.561
2.442
XY plane
YZ plane
XZ plane
-2.464
-0.859
-0.312
2.450
XY plane
YZ plane
XZ plane
-1.424
-0.950
-0.224
2.4835
XY plane
YZ plane
XZ plane
-2.949
-1.548
-0.784
2.500
XY plane
YZ plane
XZ plane
-2.444
-2.084
-1.258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com