Electronic Components Datasheet Search
  English  ▼

X  

PA12 Datasheet(PDF) 19 Page - Taoglas antenna solutions

Part # PA12
Description  2.4GHz Band Dielectric Ceramic PIFA SMT Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA12 Datasheet(HTML) 19 Page - Taoglas antenna solutions

Back Button PA12 Datasheet HTML 11Page - Taoglas antenna solutions PA12 Datasheet HTML 12Page - Taoglas antenna solutions PA12 Datasheet HTML 13Page - Taoglas antenna solutions PA12 Datasheet HTML 14Page - Taoglas antenna solutions PA12 Datasheet HTML 15Page - Taoglas antenna solutions PA12 Datasheet HTML 16Page - Taoglas antenna solutions PA12 Datasheet HTML 17Page - Taoglas antenna solutions PA12 Datasheet HTML 18Page - Taoglas antenna solutions PA12 Datasheet HTML 19Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
SPE-11-8-092/D Page 19 of 19
Cleaning:
When using ultrasonic cleaning, the board may resonate if the output power
is too high. Since this vibration can cause cracking or a decrease in the
adherence of the termination, we recommend that you use the conditions
below.
Frequency: 40kHz
Output Power: 20W/liter
Cleaning Time: 5 minutes max
Taoglas makes no warranties based on the accuracy or completeness of the contents of this
document and reserves the right to make changes to specifications and product descriptions at
any time without notice. Taoglas reserves all rights to this document and the information
contained herein.
Reproduction, use or disclosure to third parties without express permission is strictly
prohibited.
Copyright © Taoglas Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com