Electronic Components Datasheet Search
  English  ▼

X  

PA12 Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # PA12
Description  2.4GHz Band Dielectric Ceramic PIFA SMT Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA12 Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button PA12 Datasheet HTML 4Page - Taoglas antenna solutions PA12 Datasheet HTML 5Page - Taoglas antenna solutions PA12 Datasheet HTML 6Page - Taoglas antenna solutions PA12 Datasheet HTML 7Page - Taoglas antenna solutions PA12 Datasheet HTML 8Page - Taoglas antenna solutions PA12 Datasheet HTML 9Page - Taoglas antenna solutions PA12 Datasheet HTML 10Page - Taoglas antenna solutions PA12 Datasheet HTML 11Page - Taoglas antenna solutions PA12 Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SPE-11-8-092/D Page 8 of 19
6. Antenna Pattern – Wi-Fi & Bluetooth
6.1. Frequency: 2.400 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com