Electronic Components Datasheet Search
  English  ▼

X  

PA12 Datasheet(PDF) 16 Page - Taoglas antenna solutions

Part # PA12
Description  2.4GHz Band Dielectric Ceramic PIFA SMT Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA12 Datasheet(HTML) 16 Page - Taoglas antenna solutions

Back Button PA12 Datasheet HTML 11Page - Taoglas antenna solutions PA12 Datasheet HTML 12Page - Taoglas antenna solutions PA12 Datasheet HTML 13Page - Taoglas antenna solutions PA12 Datasheet HTML 14Page - Taoglas antenna solutions PA12 Datasheet HTML 15Page - Taoglas antenna solutions PA12 Datasheet HTML 16Page - Taoglas antenna solutions PA12 Datasheet HTML 17Page - Taoglas antenna solutions PA12 Datasheet HTML 18Page - Taoglas antenna solutions PA12 Datasheet HTML 19Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SPE-11-8-092/D Page 16 of 19
No
Index
Spec. (mm)
1
A
4.6
2
B
10.6
3
P1
12
4
W
24
5
F
8.5
6
T
3.5
7
D
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com