Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9629 Datasheet HTML 2Page - Analog Devices AD9629 Datasheet HTML 3Page - Analog Devices AD9629 Datasheet HTML 4Page - Analog Devices AD9629 Datasheet HTML 5Page - Analog Devices AD9629 Datasheet HTML 6Page - Analog Devices AD9629 Datasheet HTML 7Page - Analog Devices AD9629 Datasheet HTML 8Page - Analog Devices AD9629 Datasheet HTML 9Page - Analog Devices AD9629 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
AD9629
Rev. B | Page 5 of 32
AC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, unless otherwise noted.
Table 2.
Parameter1
Temp
AD9629-20/AD9629-40
AD9629-65
AD9629-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
71.4
71.3
71.3
dBFS
fIN = 30.5 MHz
25°C
71.2
71.2
71.2
dBFS
Full
70.5/70.7
70.6
dBFS
fIN = 70 MHz
25°C
70.5/71.0
71.0
70.9
dBFS
Full
70.3
dBFS
fIN = 200 MHz
25°C
69.0
69.0
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
fIN = 9.7 MHz
25°C
71.4
71.3
71.2
dBFS
fIN = 30.5 MHz
25°C
71.2
71.2
71.1
dBFS
Full
70.5/70.6
70.5
dBFS
fIN = 70 MHz
25°C
70.4/70.9
70.9
70.8
dBFS
Full
70.2
dBFS
fIN = 200 MHz
25°C
68
68
68
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
11.4/11.6
11.6
11.5
Bits
fIN = 30.5 MHz
25°C
11.4/11.5
11.5
11.5
Bits
fIN = 70 MHz
25°C
11.4/11.5
11.5
11.5
Bits
fIN = 200 MHz
25°C
11.0
11.0
11.0
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 9.7 MHz
25°C
−97
−97
−95
dBc
fIN = 30.5 MHz
25°C
−95
−95
−94
dBc
Full
−83
−83
dBc
fIN = 70 MHz
25°C
−96/−94
−95
−95
dBc
Full
−81
dBc
fIN = 200 MHz
25°C
−83
−83
−83
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
97
97
95
dBc
fIN = 30.5 MHz
25°C
96/95
95
93
dBc
Full
83
83
dBc
fIN = 70 MHz
25°C
96/94
95
95
dBc
Full
81
dBc
fIN = 200 MHz
25°C
83
83
83
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 9.7 MHz
25°C
−100
−100
−100
dBc
fIN = 30.5 MHz
25°C
−100
−100
−100
dBc
Full
−92/−91
−93
dBc
fIN = 70 MHz
25°C
−97/−100
−100
−100
dBc
Full
−89
dBc
fIN = 200 MHz
25°C
−92
−92
−92
dBc
TWO-TONE SFDR
fIN = 30.5 MHz (−7 dBFS), 32.5 MHz (−7 dBFS)
25°C
90
90
90
dBc
ANALOG INPUT BANDWIDTH
25°C
700
700
700
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com